Electronic Components Datasheet Search
  English  ▼

X  

65053 Datasheet(PDF) 16 Page - Texas Instruments

Part # 65053
Description  5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

65053 Datasheet(HTML) 16 Page - Texas Instruments

Back Button 65053 Datasheet HTML 12Page - Texas Instruments 65053 Datasheet HTML 13Page - Texas Instruments 65053 Datasheet HTML 14Page - Texas Instruments 65053 Datasheet HTML 15Page - Texas Instruments 65053 Datasheet HTML 16Page - Texas Instruments 65053 Datasheet HTML 17Page - Texas Instruments 65053 Datasheet HTML 18Page - Texas Instruments 65053 Datasheet HTML 19Page - Texas Instruments 65053 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
www.ti.com
APPLICATION INFORMATION
TYPICAL APPLICATION CIRCUIT
L2
EN_DCDC1
VCC
FB_DCDC2
PGND2
AGND
EN_LDO1
EN_DCDC2
VLDO2
200mA LDO
VLDO2
VLDO3
DCDC1(I/O)
STEP- DOWN
CONVERTER
1 A
VINDCDC1/2
L1
FB_DCDC1
PGND1
DCDC2(core)
STEP- DOWN
CONVERTER
600mA
VLDO1
400mA LDO
VLDO3
200mA LDO
VDCDC1
VIN_LDO1
VIN_LDO2/3
Vbat
2.2 H
m
10 F
m
2.2 F
m
1 F
m
1W
TPS 65053
EN_LDO2
EN_LDO3
FB2
MODE
THRESHOLD
RESET
Reset
Cff
Cff
R 1
R 2
R 3
R 4
R7
R 8
R19
I/Ovoltage
4.7 F
m
R 5
R 6
VLDO1
FB1
Vbat
Vbat
2.8 V
1.8 V
1.6 V
1.3 V
3.3 V
VDCDC1
R 9
R10
Vbat
2.2 F
m
10 F
m
22 F
m
2.2 H
m
Output Voltage Setting
V
OUT + VREF
1 )
R1
R2
(4)
R1 + R2
V
OUT
V
FB_DCDC1
* R2
(5)
TPS65053
SLVS754 – MARCH 2007
The output voltage of the DCDC converters can be set by an external resistor network and can be calculated to:
with an internal reference voltage Vref, 0.6 V (typical).
It is recommended to set the total resistance of R1 + R2 to less than 1M
Ω. The resistor network connects to the
input of the feedback amplifier; therefore, need some small feedforward capacitor in parallel to R1. A typical
value of 47pF is sufficient.
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com