Electronic Components Datasheet Search
  English  ▼

X  

65053 Datasheet(PDF) 5 Page - Texas Instruments

Part # 65053
Description  5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

65053 Datasheet(HTML) 5 Page - Texas Instruments

  65053 Datasheet HTML 1Page - Texas Instruments 65053 Datasheet HTML 2Page - Texas Instruments 65053 Datasheet HTML 3Page - Texas Instruments 65053 Datasheet HTML 4Page - Texas Instruments 65053 Datasheet HTML 5Page - Texas Instruments 65053 Datasheet HTML 6Page - Texas Instruments 65053 Datasheet HTML 7Page - Texas Instruments 65053 Datasheet HTML 8Page - Texas Instruments 65053 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
www.ti.com
PIN ASSIGNMENTS
12
11
10
9
8
7
123456
181716151413
FB_DCDC1
EN_DCDC1
EN_DCDC2
EN_LDO1
MODE
AGND
EN_LDO3
EN_LDO2
RESET
VLDO3
VINLDO2/3
VLDO2
19
20
21
22
23
24
TPS65053
SLVS754 – MARCH 2007
RGE PACKAGE
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Power supply for digital and analog circuitry of DCDC1, DCDC2 and LDOs. This pin must be
VCC
1
I
connected to the same voltage supply as VINDCDC1/2.
Input to adjust output voltage of converter 1 between 0.6 V and VI. Connect external resistor divider
FB_DCDC1
19
I
between VOUT1, this pin and GND.
Select between Power Save Mode and forced PWM Mode for DCDC1 and DCDC2. In Power Save
MODE
23
I
Mode, PFM is used at light loads, PWM for higher loads. If PIN is set to high level, forced PWM Mode
is selected. If Pin has low level, then the device operates in Power Save Mode.
Input voltage for VDCDC1 and VDCDC2 step-down converter. This must be connected to the same
VINDCDC1/2
16
I
voltage supply as VCC.
Input to adjust output voltage of converter 2 between 0.6V and VIN. Connect external resistor divider
FB_DCDC2
13
I
between VOUT2, this pin and GND.
L1
17
O
Switch pin of converter 1. Connected to Inductor
PGND1
18
I
GND for converter 1
PGND2
14
I
GND for converter 2
AGND
24
I
Analog GND, connect to PGND and PowerPAD™
L2
15
O
Switch Pin of converter 2. Connected to Inductor.
EN_DCDC1
20
I
Enable Input for converter 1, active high
EN_DCDC2
21
I
Enable Input for converter 2, active high
VINLDO1
2
I
Input voltage for LDO1
VINLDO2/3
8
I
Input voltage for LDO2 and LDO3
VLDO1
3
O
Output voltage of LDO1
VLDO2
7
O
Output voltage of LDO2
VLDO3
9
O
Output voltage of LDO3
FB_LDO1
4
1
Feedback input for the external voltage divider.
EN_LDO2
6
I
Feedback input for the external voltage divider.
EN_LDO1
22
I
Enable input for LDO1. Logic high enables the LDO, logic low disables the LDO.
EN_LDO2
11
I
Enable input for LDO2. Logic high enables the LDO, logic low disables the LDO.
EN_LDO3
12
I
Enable input for LDO3. Logic high enables the LDO, logic low disables the LDO.
THRESHOLD
5
I
Reset input
RESET
10
O
Open drain active low reset output, 100 ms reset delay time.
PowerPAD™
–
Connect to GND
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com