Electronic Components Datasheet Search
  English  ▼

X  

65053 Datasheet(PDF) 1 Page - Texas Instruments

Part # 65053
Description  5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

65053 Datasheet(HTML) 1 Page - Texas Instruments

  65053 Datasheet HTML 1Page - Texas Instruments 65053 Datasheet HTML 2Page - Texas Instruments 65053 Datasheet HTML 3Page - Texas Instruments 65053 Datasheet HTML 4Page - Texas Instruments 65053 Datasheet HTML 5Page - Texas Instruments 65053 Datasheet HTML 6Page - Texas Instruments 65053 Datasheet HTML 7Page - Texas Instruments 65053 Datasheet HTML 8Page - Texas Instruments 65053 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
TPS65053
SLVS754 – MARCH 2007
5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS
AND 3 LOW-INPUT VOLTAGE LDOs
• Up To 95% Efficiency
The TPS65053 is an integrated Power Management
IC for applications powered by one Li-Ion or
• Output Current for DC/DC Converters:
Li-Polymer cell, which require multiple power rails.
–
DCDC1 = 1 A; DCDC2 = 0.6 A
The
TPS65053
provides
two
highly
efficient,
• DC/DC Converters Externally Adjustable
2.25MHz step-down converters targeted at providing
• V
IN Range for DC/DC Converters From 2.5 V to
the core voltage and I/O voltage in a processor
based system. Both step-down converters enter a
6 V
low power mode at light load for maximum efficiency
• 2.25-MHz Fixed Frequency Operation
across the widest possible range of load currents.
• Power Save Mode at Light Load Current
For low noise applications the devices can be forced
into fixed frequency PWM mode by pulling the
• 180° Out-of-Phase Operation
MODE pin high. Both converters allow the use of
• Output Voltage Accuracy in PWM mode ±1%
small inductors and capacitors to achieve a small
• Total Typical 32-µA Quiescent Current for
solution size. TPS65053 provides an output current
Both DC/DC Converters
of up to 1A on the DCDC1 converter and up to 0.6A
on the DCDC2 converter. The TPS65053 also
• 100% Duty Cycle for Lowest Dropout
integrates one 400mA LDO and two 200mA LDO
• One General-Purpose 400-mA LDO
voltage regulators, which can be turned on/off using
• Two General-Purpose 200-mA LDOs
separate enable pins on each LDO. Each LDO
• V
IN Range for LDOs from 1.5 V to 6.5 V
operates with an input voltage range between 1.5V
and 6.5V allowing them to be supplied from one of
• Available in a 4 mm x 4 mm 24-Pin QFN
the step-down converters or directly from the main
Package
battery. LDO1 and LDO2 are externally adjustable
while LDO3 has a fixed output voltage of 1.3V.
The TPS65053 comes in a small 24-pin leadless
• Cell Phones, Smart-Phones
package (4mm
× 4mm QFN) with a 0.5mm pitch.
• WLAN
• PDAs, Pocket PCs, GPS
• OMAP™ and Low-Power DSP Supply
• Portable Media Players
• Digital Cameras
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
OMAP, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - 65053

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
6505 BOARDCOM-6505 Datasheet
244Kb / 6P
Flexible, Easy-to-Use Entry-Level SAN Switch for Private Cloud Storage
logo
Texas Instruments
65050 TI-65050 Datasheet
1Mb / 41P
6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
65051 TI-65051 Datasheet
1Mb / 41P
6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
65052 TI-65052 Datasheet
1Mb / 41P
6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
65054 TI-65054 Datasheet
1Mb / 41P
6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
More results

Similar Description - 65053

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65050 TI-TPS65050 Datasheet
1Mb / 37P
6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65050 TI-TPS65050_07 Datasheet
1Mb / 41P
6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
logo
Intersil Corporation
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
3MHz Dual Step-Down Converters and Dual Low-Input LDOs
November 8, 2010
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
3MHz Dual Step-Down Converters and Dual Low-Input LDOs
August 15, 2011
logo
Texas Instruments
TPS65053-Q1 TI1-TPS65053-Q1 Datasheet
832Kb / 26P
5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650532 TI1-TPS650532 Datasheet
1,007Kb / 27P
5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650531RGET TI-TPS650531RGET Datasheet
1Mb / 27P
5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650532RGET TI1-TPS650532RGET Datasheet
1Mb / 27P
5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS
logo
Intersil Corporation
ISL9307IRTAAJBZ-T INTERSIL-ISL9307IRTAAJBZ-T Datasheet
378Kb / 13P
3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
September 20, 2012
logo
Texas Instruments
TPS65050-Q1 TI1-TPS65050-Q1 Datasheet
1Mb / 40P
6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT-VOLTAGE LDOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com