Electronic Components Datasheet Search
  English  ▼

X  

65053 Datasheet(PDF) 8 Page - Texas Instruments

Part # 65053
Description  5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

65053 Datasheet(HTML) 8 Page - Texas Instruments

Back Button 65053 Datasheet HTML 4Page - Texas Instruments 65053 Datasheet HTML 5Page - Texas Instruments 65053 Datasheet HTML 6Page - Texas Instruments 65053 Datasheet HTML 7Page - Texas Instruments 65053 Datasheet HTML 8Page - Texas Instruments 65053 Datasheet HTML 9Page - Texas Instruments 65053 Datasheet HTML 10Page - Texas Instruments 65053 Datasheet HTML 11Page - Texas Instruments 65053 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.ti.com
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
I
-OutputCurrent- A
O
V
=1.3V,
T =25°C,
PFMMode
O
A
3.3V
4.2V
5V
3.8V
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
I
-OutputCurrent- A
O
V
=1.3V,
T =25°C,
PWMMode
O
A
4.2V
5V
3.3V
3.8V
t − Time=500ns/div
V =4.2V,
=25 C
I
o
TA
CH4(IL DCDC1=600mA)
CH3(IL DCDC2=600mA)
CH1(VDCDC1=3.3V)
CH1(VDCDC2=1.5V)
t − Time=2 s/div
m
V =4.2V,
=25 C
I
o
TA
CH4(IL DCDC1=80mA)
CH1(VDCDC1=3.3V)
CH2 (VDCDC2=1.5V)
CH3(IL DCDC2=80mA)
TPS65053
SLVS754 – MARCH 2007
TYPICAL CHARACTERISTICS (continued)
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 3.
Figure 4.
OUTPUT VOLTAGE RIPPLE
OUTPUT VOLTAGE RIPPLE
PWM/PFM MODE = LOW
PWM MODE = HIGH
Figure 5.
Figure 6.
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com