Electronic Components Datasheet Search
  English  ▼

X  

65053 Datasheet(PDF) 11 Page - Texas Instruments

Part # 65053
Description  5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

65053 Datasheet(HTML) 11 Page - Texas Instruments

Back Button 65053 Datasheet HTML 7Page - Texas Instruments 65053 Datasheet HTML 8Page - Texas Instruments 65053 Datasheet HTML 9Page - Texas Instruments 65053 Datasheet HTML 10Page - Texas Instruments 65053 Datasheet HTML 11Page - Texas Instruments 65053 Datasheet HTML 12Page - Texas Instruments 65053 Datasheet HTML 13Page - Texas Instruments 65053 Datasheet HTML 14Page - Texas Instruments 65053 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
www.ti.com
t − Time=200 s/div
m
CH2
I(LDO1)
CH1(VLDO1)
V =3.6V
T
=25 C
VLDO1=3.3V
I(LDO1)=40mA to360mA
I
A
o
t − Time=100 s/div
m
CH1(VLDO3)
CH2
I(LDO3)
V =3.6V
VLDO3=1.3V
I(
T
=25 C
I
A
LDO3)=20mA to180mA
o
t − Time=100 s/div
m
V =3.6Vto4.2Vto3.6V
T
=25 C
VLDO1=100mA
Mode=High
I
A
o
VLDO1=3.3V
CH1
VIN(LDO1)
CH2(VLDO1)
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
f-Frequency-Hz
V
=3.8V,
V
=3.3V,
I
=10mA,
T =25°C,
C
=2.2 F,
C
=4.7 F
IN
OUT
OUT
A
IN
OUT
m
m
TPS65053
SLVS754 – MARCH 2007
TYPICAL CHARACTERISTICS (continued)
LDO1 LOAD TRANSIENT RESPONSE
LDO3 LOAD TRANSIENT RESPONSE
Figure 15.
Figure 16.
LDO1 POWER SUPPLY REJECTION RATIO
vs
LDO1 LINE TRANSIENT RESPONSE
FREQUENCY
Figure 17.
Figure 18.
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com