Electronic Components Datasheet Search
  English  ▼

X  

OPA310 Datasheet(PDF) 17 Page - Texas Instruments

Part # OPA310
Description  OPAx310-Q1 Automotive High Output Current, 5-V, RRIO, 3MHz Operational Amplifier with Shutdown
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA310 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA310 Datasheet HTML 13Page - Texas Instruments OPA310 Datasheet HTML 14Page - Texas Instruments OPA310 Datasheet HTML 15Page - Texas Instruments OPA310 Datasheet HTML 16Page - Texas Instruments OPA310 Datasheet HTML 17Page - Texas Instruments OPA310 Datasheet HTML 18Page - Texas Instruments OPA310 Datasheet HTML 19Page - Texas Instruments OPA310 Datasheet HTML 20Page - Texas Instruments OPA310 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
5.8 Typical Characteristics (continued)
at TA = 25°C, V+ = 2.75V, V– = –2.75V, RL = 10kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise
noted)
Frequency (Hz)
-110
-100
-90
-80
-70
-60
100
1k
10k
D030
RL = 2 k:
RL = 10 k:
RL = 100 k:
VS = 5.5V
VCM = 2.5V
G = 1
BW = 80kHz
VOUT = 0.5 VRMS
Figure 5-31. THD + N vs Frequency
Frequency (Hz)
-90
-80
-70
-60
-50
-40
100
1k
10k
D030
RL = 2 k:
RL = 10 k:
RL = 100 k:
VS = 5.5V
VCM = 2.5V
G = –1
BW = 80kHz
VOUT = 0.5 VRMS
Figure 5-32. THD + N vs Frequency
Amplitude(VRMS)
-120
-105
-90
-75
-60
-45
-30
-15
0
1m
10m
100m
1
D031
RL = 2 k:
RL = 10 k:
RL = 100 k:
VS = 5.5V
VCM = 2.5V
f = 1kHz
G = 1
BW = 80 kHz
Figure 5-33. THD + N vs Amplitude
Amplitude(VRMS)
-120
-105
-90
-75
-60
-45
-30
-15
0
1m
10m
100m
1
D031
RL = 2 k:
RL = 10 k:
RL = 100 k:
VS = 5.5V
VCM = 2.5V
f = 1kHz
G = –1
BW = 80 kHz
Figure 5-34. THD + N vs Amplitude
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
120
130
140
150
160
170
180
D38_
VCM = VS/2
Figure 5-35. Quiescent Current vs Supply Voltage
Input Common-Mode Voltage (V)
-2.75
-1.75
-0.75
0.25
1.25
2.25
120
130
140
150
160
170
180
D39_
V+ = 2.75V, V– = –2.75V
Figure 5-36. Quiescent Current vs Common-Mode Voltage
www.ti.com
OPA310-Q1
SBOSAI0 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: OPA310-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com