Electronic Components Datasheet Search
  English  ▼

X  

OPA310 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA310
Description  OPAx310-Q1 Automotive High Output Current, 5-V, RRIO, 3MHz Operational Amplifier with Shutdown
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA310 Datasheet(HTML) 2 Page - Texas Instruments

  OPA310 Datasheet HTML 1Page - Texas Instruments OPA310 Datasheet HTML 2Page - Texas Instruments OPA310 Datasheet HTML 3Page - Texas Instruments OPA310 Datasheet HTML 4Page - Texas Instruments OPA310 Datasheet HTML 5Page - Texas Instruments OPA310 Datasheet HTML 6Page - Texas Instruments OPA310 Datasheet HTML 7Page - Texas Instruments OPA310 Datasheet HTML 8Page - Texas Instruments OPA310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 6
5.1 Absolute Maximum Ratings........................................ 6
5.2 ESD Ratings .............................................................. 6
5.3 Recommended Operating Conditions.........................6
5.4 Thermal Information for Single Channel..................... 7
5.5 Thermal Information for Dual Channel........................7
5.6 Thermal Information for Quad Channel...................... 7
5.7 Electrical Characteristics.............................................8
5.8 Typical Characteristics.............................................. 12
6 Detailed Description......................................................21
6.1 Overview................................................................... 21
6.2 Functional Block Diagram......................................... 22
6.3 Feature Description...................................................23
6.4 Device Functional Modes..........................................27
7 Application and Implementation.................................. 28
7.1 Application Information............................................. 28
7.2 Typical Application.................................................... 28
7.3 Power Supply Recommendations.............................30
7.4 Layout....................................................................... 30
8 Device and Documentation Support............................32
8.1 Documentation Support............................................ 32
8.2 Receiving Notification of Documentation Updates....32
8.3 Support Resources................................................... 32
8.4 Electrostatic Discharge Caution................................32
8.5 Glossary....................................................................32
9 Revision History............................................................ 32
10 Mechanical, Packaging, and Orderable
Information.................................................................... 32
10.1 Tape and Reel Information......................................33
10.2 Mechanical Data..................................................... 35
OPA310-Q1
SBOSAI0 – DECEMBER 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA310-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com