Electronic Components Datasheet Search
  English  ▼

X  

OPA310 Datasheet(PDF) 25 Page - Texas Instruments

Part # OPA310
Description  OPAx310-Q1 Automotive High Output Current, 5-V, RRIO, 3MHz Operational Amplifier with Shutdown
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA310 Datasheet(HTML) 25 Page - Texas Instruments

Back Button OPA310 Datasheet HTML 21Page - Texas Instruments OPA310 Datasheet HTML 22Page - Texas Instruments OPA310 Datasheet HTML 23Page - Texas Instruments OPA310 Datasheet HTML 24Page - Texas Instruments OPA310 Datasheet HTML 25Page - Texas Instruments OPA310 Datasheet HTML 26Page - Texas Instruments OPA310 Datasheet HTML 27Page - Texas Instruments OPA310 Datasheet HTML 28Page - Texas Instruments OPA310 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
C
load
+
±
V
in
V
out
+V
s
R
iso
-V
s
Figure 6-3. Improving Capacitive Load Drive
6.3.5 Overload Recovery
Overload recovery is defined as the time required for the operational amplifier output to recover from a saturated
state to a linear state. The output devices of the operational amplifier enter a saturation region when the output
voltage exceeds the rated operating voltage, because of the high input voltage or high gain. After one of the
output devices enters the saturation region, the output stage requires additional time to return to the linear
operating state which is referred to as overload recovery time. After the output stage returns to linear operating
state, the amplifier begins to slew at the specified slew rate. Therefore, the propagation delay (in case of an
overload condition) is the sum of the overload recovery time and the slew time.
The overload recovery time for the OPAx310-Q1 family is approximately 0.75µs typical.
6.3.6 EMI Rejection
The OPAx310-Q1 uses integrated electromagnetic interference (EMI) filtering to reduce the effects of EMI from
sources such as wireless communications (radio frequency interference - RFI) and densely-populated boards
with a mix of analog signal chain and digital components. EMI immunity can be improved with circuit design
techniques; the OPAx310-Q1 benefits from these design improvements. Texas Instruments has developed the
ability to accurately measure and quantify the immunity of an operational amplifier over a broad frequency
spectrum extending from 10 MHz to 6 GHz. Figure 6-4 shows the results of this testing on the OPAx310-Q1.
Table 6-1 shows the EMIRR IN+ values for the OPAx310-Q1 at particular frequencies commonly encountered
in real-world applications. The EMI Rejection Ratio of Operational Amplifiers application report contains detailed
information on the topic of EMIRR performance relating to op amps and is available for download from
www.ti.com.
Frequency (Hz)
20
30
40
50
60
70
80
90
100
110
120
10M
100M
1G
D42_
Figure 6-4. EMIRR Testing
www.ti.com
OPA310-Q1
SBOSAI0 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: OPA310-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com