Electronic Components Datasheet Search
  English  ▼

X  

OPA310 Datasheet(PDF) 18 Page - Texas Instruments

Part # OPA310
Description  OPAx310-Q1 Automotive High Output Current, 5-V, RRIO, 3MHz Operational Amplifier with Shutdown
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA310 Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA310 Datasheet HTML 14Page - Texas Instruments OPA310 Datasheet HTML 15Page - Texas Instruments OPA310 Datasheet HTML 16Page - Texas Instruments OPA310 Datasheet HTML 17Page - Texas Instruments OPA310 Datasheet HTML 18Page - Texas Instruments OPA310 Datasheet HTML 19Page - Texas Instruments OPA310 Datasheet HTML 20Page - Texas Instruments OPA310 Datasheet HTML 21Page - Texas Instruments OPA310 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
5.8 Typical Characteristics (continued)
at TA = 25°C, V+ = 2.75V, V– = –2.75V, RL = 10kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise
noted)
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
100
110
120
130
140
150
160
170
180
D40_
VS = 1.5 V
VS = 5.5 V
VCM = VS/2
Figure 5-37. Quiescent Current vs Temperature
Capacitive Load (pF)
0
50
100
150
200
250
0
10
20
30
40
50
60
D010
RISO = 0 :, Overshoot (+)
RISO = 0 :, Overshoot (-)
RISO = 50 :, Overshoot (+)
RISO = 50 :, Overshoot (-)
G = –1
VIN = 100mVpp
Figure 5-38. Small Signal Overshoot vs Capacitive Load
Capacitive Load (pF)
0
50
100
150
200
250
0
10
20
30
40
50
60
D023
RISO = 0 :, Overshoot (+)
RISO = 0 :, Overshoot (-)
RISO = 50 :, Overshoot (+)
RISO = 50 :, Overshoot (-)
G = 1
VIN = 100mVpp
Figure 5-39. Small Signal Overshoot vs Capacitive Load
Capacitive Load (pF)
20
40
60
80
100 120 140 160 180 200 220 240
27
30
33
36
39
42
45
48
51
54
57
D004
Figure 5-40. Phase Margin vs Capacitive Load
Time (40 µs/div)
-4
-3
-2
-1
0
1
2
3
4
D021
VIN
VOUT
G = 1
VIN = 6 VPP
Figure 5-41. No Phase Reversal
Time (1 Ps/div)
-3
-2
-1
0
1
2
3
D22_
Input
Output
G = –10
VIN = 600 mVPP
Figure 5-42. Overload Recovery
OPA310-Q1
SBOSAI0 – DECEMBER 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA310-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com