Electronic Components Datasheet Search
  English  ▼

X  

OPA310 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA310
Description  OPAx310-Q1 Automotive High Output Current, 5-V, RRIO, 3MHz Operational Amplifier with Shutdown
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA310 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA310 Datasheet HTML 2Page - Texas Instruments OPA310 Datasheet HTML 3Page - Texas Instruments OPA310 Datasheet HTML 4Page - Texas Instruments OPA310 Datasheet HTML 5Page - Texas Instruments OPA310 Datasheet HTML 6Page - Texas Instruments OPA310 Datasheet HTML 7Page - Texas Instruments OPA310 Datasheet HTML 8Page - Texas Instruments OPA310 Datasheet HTML 9Page - Texas Instruments OPA310 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating ambient temperature range (unless otherwise noted) (1)
MIN
MAX
UNIT
Supply voltage, VS = (V+) – (V–) Supply voltage, VS = (V+) – (V–)
0
7
V
Signal input pins
Common-mode voltage (2) (3)
– 0.5
6.0
V
Differential voltage (2) (3)
±6.0
V
Current (3)
–10
10
mA
Output short-circuit (4)
Continuous
Operating ambient temperature, TA
–55
150
°C
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Operation outside the Absolute Maximum Rating may cause permanent device damage. Absolute Maximum Rating do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Condition. If
used outside the Recommended Operating Condition but within the Absolute Maximum Rating, the device may not be fully functional,
and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
Input pins can swing beyond (V+) as long as they stay with in 6.0 V. No diode structure from input pins to (V+).
(3)
Input pins are diode-clamped to (V–). Input signals that 0.3 V below (V–) must be current-limited to 10mA or less.
(4)
Short-circuit to ground, one amplifier per package.
5.2 ESD Ratings
PART NUMBER
VALUE
UNIT
OPA310-Q1
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±8000
V
OPA310-Q1
V(ESD)
Electrostatic discharge
Charged-device model (CDM), per JEDEC specification JS-002 (2)
±1500
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
MAX
UNIT
VS
Supply voltage, (V+) – (V–)
1.5
5.5
V
VI
Input voltage range (Across specified temperature) 1.5V ≤ VS < 2V
(V–)
(V+)
V
VI
Input voltage range (Across specified temperature) 2V ≤ VS ≤ 5.5V
(V–) – 0.1
(V+) + 0.1
V
VI
Input voltage range
– 0.1
5.6
V
VIH
High level input voltage at shutdown pin (amplifier enabled)
(V-) + 1.2
(V+)
V
VIL
Low level input voltage at shutdown pin (amplifier disabled)
(V–)
(V-) + 0.2
V
TA
Specified temperature
–40
125
°C
OPA310-Q1
SBOSAI0 – DECEMBER 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA310-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com