Electronic Components Datasheet Search
  English  ▼

X  

OPA310 Datasheet(PDF) 27 Page - Texas Instruments

Part # OPA310
Description  OPAx310-Q1 Automotive High Output Current, 5-V, RRIO, 3MHz Operational Amplifier with Shutdown
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA310 Datasheet(HTML) 27 Page - Texas Instruments

Back Button OPA310 Datasheet HTML 23Page - Texas Instruments OPA310 Datasheet HTML 24Page - Texas Instruments OPA310 Datasheet HTML 25Page - Texas Instruments OPA310 Datasheet HTML 26Page - Texas Instruments OPA310 Datasheet HTML 27Page - Texas Instruments OPA310 Datasheet HTML 28Page - Texas Instruments OPA310 Datasheet HTML 29Page - Texas Instruments OPA310 Datasheet HTML 30Page - Texas Instruments OPA310 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
6.3.8 Input ESD Protection
The OPAx310-Q1 family incorporates internal ESD protection circuits on all pins. For inputs, this protection
primarily consists of fail safe ESD input structures which feature no current-steering diodes connected between
the input and positive power-supply pin as shown in the Figure 6-5. This feature is very useful during power
sequencing scenarios where input signal can be present before the positive power supply rail. A fail safe input
ESD structure prevents any short between inputs and positive power supply.
6.3.9 Shutdown Function
The OPAx310-Q1 S devices feature SHDN pins that disable the op amp, placing the op amp into a low-power
standby mode. In this mode, the op amp typically consumes less than 500-nA at room temperature. The SHDN
pins are active low, meaning that shutdown mode is enabled when the input to the SHDN pin is a valid logic low.
The SHDN pins are referenced to the negative supply voltage of the op amp. The threshold of the shutdown
feature lies around 500-mV (typical) and does not change with respect to the supply voltage. Hysteresis has
been included in the switching threshold to provide for smooth switching characteristics. To make sure of optimal
shutdown behavior, the SHDN pins must be driven with valid logic signals. A valid logic low is defined as a
voltage between V– and (V–) + 0.2V. A valid logic high is defined as a voltage between (V–) + 1.2V and V+. To
enable the amplifier, the SHDN pins must be driven to a valid logic high. To disable the amplifier, the SHDN pins
must be driven to a valid logic low. TI highly recommends that the shutdown pin be connected to a valid high or
a low voltage or driven. The maximum voltage allowed at the SHDN pins is (V+) + 0.5V. Exceeding this voltage
level damages the device.
The SHDN pins are high-impedance CMOS inputs. Dual op amp versions are independently controlled and
quad op amp versions are controlled in pairs with logic inputs. For battery-operated applications, this feature
can be used to greatly reduce the average current and extend battery life. The enable and disable time is
targeted to be under 1µs for full shutdown of all channels. When disabled, the output assumes a high-impedance
state. This architecture allows the OPAx310S-Q1 to be operated as a gated amplifier (or to have the device
output multiplexed onto a common analog output bus). Shutdown time (tOFF) depends on loading conditions and
increases as load resistance increases. To make sure that shutdown (disable) is within a specific shutdown time,
the specified 10-kΩ load to midsupply (VS / 2) is required.
6.4 Device Functional Modes
The OPAx310-Q1 devices have one functional mode. These devices are powered on as long as the power-
supply voltage is between 1.5V (±0.75V) and 5.5V (±2.75V).
The OPAx310-Q1S devices feature a shutdown pin, which can be used to place the op amp into a low-power
mode. See Shutdown Function for more information.
www.ti.com
OPA310-Q1
SBOSAI0 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: OPA310-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com