Electronic Components Datasheet Search
  English  ▼

X  

OPA310 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA310
Description  OPAx310-Q1 Automotive High Output Current, 5-V, RRIO, 3MHz Operational Amplifier with Shutdown
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA310 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA310 Datasheet HTML 8Page - Texas Instruments OPA310 Datasheet HTML 9Page - Texas Instruments OPA310 Datasheet HTML 10Page - Texas Instruments OPA310 Datasheet HTML 11Page - Texas Instruments OPA310 Datasheet HTML 12Page - Texas Instruments OPA310 Datasheet HTML 13Page - Texas Instruments OPA310 Datasheet HTML 14Page - Texas Instruments OPA310 Datasheet HTML 15Page - Texas Instruments OPA310 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
5.8 Typical Characteristics
at TA = 25°C, V+ = 2.75V, V– = –2.75V, RL = 10kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise
noted)
0
3
6
9
12
15
18
21
24
27
Input Offset Voltage (µV)
H01_
VS = 5.5 V
VCM = VS / 2
TA = 25°C
No. of devices = 70
Mean = –36µV
Sigma = 215µV
Figure 5-1. Offset Voltage Distribution Histogram
0
2
4
6
8
10
12
14
16
18
Input Offset Voltage Drift (µV/°C)
H02_
VS = 5.5V
VCM = VS / 2
TA = –40°C to +125°C
No. of devices = 70
Mean = 0.5µV/°C
Sigma = 0.3µV/°C
Figure 5-2. Offset Voltage Drift Distribution Histogram
0
3
6
9
12
15
18
21
24
27
Input Bias Current (pA)
H03_
VS = 5.5V
VCM = VS / 2
TA = 25°C
No. of devices = 140
Mean = 0.6 pA
Sigma = 1.2 pA
Figure 5-3. Input Bias Current Distribution Histogram
0
3
6
9
12
15
18
21
24
27
30
Input Bias Current (pA)
H04_
VS = 5.5V
VCM = VS / 2
TA = 85°C
No. of devices = 140
Mean = 4.6 pA
Sigma = 1.3 pA
Figure 5-4. Input Bias Current Distribution Histogram
0
3
6
9
12
15
18
21
24
27
Input Offset Current (pA)
H05_
VS = 5.5V
VCM = VS / 2
TA = 25°C
No. of devices = 140
Mean = 0.2 pA
Sigma = 1.5 pA
Figure 5-5. Input Offset Current Distribution Histogram
0
2
4
6
8
10
12
14
16
Input Offset Current (pA)
H06_
VS = 5.5V
VCM = VS / 2
TA = 85°C
No. of devices = 70
Mean = 0.3 pA
Sigma = 1.6 pA
Figure 5-6. Input Offset Current Distribution Histogram
OPA310-Q1
SBOSAI0 – DECEMBER 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA310-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com