Electronic Components Datasheet Search
  English  ▼

X  

OPA310 Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA310
Description  OPAx310-Q1 Automotive High Output Current, 5-V, RRIO, 3MHz Operational Amplifier with Shutdown
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA310 Datasheet(HTML) 5 Page - Texas Instruments

  OPA310 Datasheet HTML 1Page - Texas Instruments OPA310 Datasheet HTML 2Page - Texas Instruments OPA310 Datasheet HTML 3Page - Texas Instruments OPA310 Datasheet HTML 4Page - Texas Instruments OPA310 Datasheet HTML 5Page - Texas Instruments OPA310 Datasheet HTML 6Page - Texas Instruments OPA310 Datasheet HTML 7Page - Texas Instruments OPA310 Datasheet HTML 8Page - Texas Instruments OPA310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
1
OUT1
14
OUT4
2
IN1±
13
IN4±
3
IN1+
12
IN4+
4
V+
11
V±
5
IN2+
10
IN3+
6
IN2±
9
IN3±
7
OUT2
8
OUT3
Not to scale
Figure 4-6. OPA4310-Q1 D and PW Package
14-Pin SOIC and TSSOP
(Top View)
Table 4-4. Pin Functions: OPA4310-Q1
PIN
(1)TYPE
DESCRIPTION
NAME
NO.
IN1–
2
I
Inverting input, channel 1
IN1+
3
I
Noninverting input, channel 1
IN2–
6
I
Inverting input, channel 2
IN2+
5
I
Noninverting input, channel 2
IN3–
9
I
Inverting input, channel 3
IN3+
10
I
Noninverting input, channel 3
IN4–
13
I
Inverting input, channel 4
IN4+
12
I
Noninverting input, channel 4
OUT1
1
O
Output, channel 1
OUT2
7
O
Output, channel 2
OUT3
8
O
Output, channel 3
OUT4
14
O
Output, channel 4
V–
11
I
Negative (low) supply or ground (for single-supply operation)
V+
4
I
Positive (high) supply
(1)
I = input, O = output
www.ti.com
OPA310-Q1
SBOSAI0 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: OPA310-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com