Electronic Components Datasheet Search
  English  ▼

X  

IR3080PBF Datasheet(PDF) 17 Page - International Rectifier

Part # IR3080PBF
Description  XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3080PBF Datasheet(HTML) 17 Page - International Rectifier

Back Button IR3080PBF Datasheet HTML 13Page - International Rectifier IR3080PBF Datasheet HTML 14Page - International Rectifier IR3080PBF Datasheet HTML 15Page - International Rectifier IR3080PBF Datasheet HTML 16Page - International Rectifier IR3080PBF Datasheet HTML 17Page - International Rectifier IR3080PBF Datasheet HTML 18Page - International Rectifier IR3080PBF Datasheet HTML 19Page - International Rectifier IR3080PBF Datasheet HTML 20Page - International Rectifier IR3080PBF Datasheet HTML 21Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
IR3080
PbF
The over-current delay can be reduced by adding a resistor in series with the SS/DEL capacitor. The delay
comparator’s offset voltage is reduced by the drop in the resistor caused by the discharge current. The value of the
series resistor should be 10KΩ or less to avoid interference with the soft start function.
If SS/DEL pin is pulled below 0.9V, the converter can be disabled.
VIDPGD
(VOUT CHANGES DUE TO
LOAD AND VID CHANGES)
OCP
DELAY
OCP THRESHOLD
1.3V
VCC
NORMAL OPERATION
START-UP
POWER-DOWN
RE-START
AFTER OCP
HICCUP OVER-CURRENT
PROTECTION
1.1V
VIDPWR
8.9V
UVLO
(12V)
(3.3V)
VCCVID
(1.2V)
VIDDEL
3.91V
3.91V
SS/DEL
PWRGD
VOUT
IOUT
(VCCVID GATES
FAULT MODE)
(VCC GATES
FAULT MODE)
Figure 11. Operating Waveforms
Under Voltage Lockout (UVLO)
The UVLO function monitors the IR3080’s VCC supply pin and ensures that IR3080 has a high enough voltage to
power the internal circuit. The IR3080’s UVLO is set higher than the minimum operating voltage of compatible
Phase ICs thus providing UVLO protection for them as well. During power-up the fault latch is reset when VCC
exceeds 9.1V and there is no other fault. If the VCC voltage drops below 8.9V the fault latch will be set. For
converters using a separate 5V supply for gate driver bias an external UVLO circuit can be added to prevent any
operation until adequate voltage is present. A diode connected between the 5V supply and the SS/DEL pin provides
a simple 5V UVLO function. UVLO of the VIDPWR input is provided by the VID Power Good function. Adequate
voltage must be present at VIDPWR pin to allow VCCVID to reach 1.1V.
Over Current Protection (OCP)
The current limit threshold is set by a resistor connected between the OCSET and VDAC pins. If the IIN pin voltage,
which is proportional to the average current plus DAC voltage, exceeds the OCSET voltage, the over-current
protection is triggered.
Page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com