Electronic Components Datasheet Search
  English  ▼

X  

IR3080PBF Datasheet(PDF) 40 Page - International Rectifier

Part # IR3080PBF
Description  XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3080PBF Datasheet(HTML) 40 Page - International Rectifier

Back Button IR3080PBF Datasheet HTML 33Page - International Rectifier IR3080PBF Datasheet HTML 34Page - International Rectifier IR3080PBF Datasheet HTML 35Page - International Rectifier IR3080PBF Datasheet HTML 36Page - International Rectifier IR3080PBF Datasheet HTML 37Page - International Rectifier IR3080PBF Datasheet HTML 38Page - International Rectifier IR3080PBF Datasheet HTML 39Page - International Rectifier IR3080PBF Datasheet HTML 40Page - International Rectifier IR3080PBF Datasheet HTML 41Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
IR3080
PbF
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 13 - Oscillator Frequency versus ROSC
150
200
250
300
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
ROSC (K Ohms)
Figure 14 - IFB, BBFB, & OCSET Bias Currents vs ROSC
5
15
25
35
45
55
65
75
85
95
105
115
125
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
ROSC (K Ohm)
Figure 15 - VDAC Source & Sink Currents vc ROSC (includes OCSET
Bias Current)
0
25
50
75
100
125
150
175
200
225
250
275
300
325
10
20
30
40
50
60
70
80
90
100
110
120
130
140
ROSC (K ohm)
ISINK
ISOURCE
Figure 16 - Bias Current Accuracy versus ROsC (includes
temperature and input voltage variation)
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
10
20
30
40
50
60
70
80
90 100 110 120 130 140
ROSC (K Ohm)
FB, BBFB, OCSET Bias
Current
VDAC Sink Current
VDAC Source Current
Page 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com