Electronic Components Datasheet Search
  English  ▼

X  

IR3080PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IR3080PBF
Description  XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3080PBF Datasheet(HTML) 4 Page - International Rectifier

  IR3080PBF Datasheet HTML 1Page - International Rectifier IR3080PBF Datasheet HTML 2Page - International Rectifier IR3080PBF Datasheet HTML 3Page - International Rectifier IR3080PBF Datasheet HTML 4Page - International Rectifier IR3080PBF Datasheet HTML 5Page - International Rectifier IR3080PBF Datasheet HTML 6Page - International Rectifier IR3080PBF Datasheet HTML 7Page - International Rectifier IR3080PBF Datasheet HTML 8Page - International Rectifier IR3080PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
IR3080
PbF
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Oscillator
Switching Frequency
RROSC = 41.9kΩ
255
300
345
kHz
Peak Voltage (5V typical,
measured as % of VBIAS)
RROSC = 41.9kΩ
70
71
74
%
Valley Voltage (1V typical,
measured as % of VBIAS)
RROSC = 41.9kΩ
11
14
16
%
VBIAS Regulator
Output Voltage
-5mA ≤ I(VBIAS) ≤ 0
6.5
6.8
7.1
V
Current Limit
-30
-15
-6
mA
Soft Start and Delay
SS/DEL to FB Input Offset
Voltage
With FB = 0V, adjust V(SS/DEL) until
EAOUT drives high
0.85
1.3
1.5
V
Charge Current
40
70
100
µA
Discharge Current
4
6
9
µA
Charge/Discharge Current
Ratio
10
11.5
13
µA/µA
Charge Voltage
3.7
4.0
4.2
V
Delay Comparator Threshold
Relative to Charge Voltage
70
90
110
mV
Discharge Comparator
Threshold
150
200
250
mV
Over-Current Comparator
Input Offset Voltage
-10
0
10
mV
OCSET Bias Current
RROSC = 41.9kΩ
-31
-29.5
-28
µA
PWRGD Output
Output Voltage
I(PWRGD) = 4mA
150
400
mV
Leakage Current
V(PWRGD) = 5.5V
0
10
µA
VCCVID Regulator
Output Voltage
-150mA ≤ I(VCCVID) ≤ 0
1.145
1.200
1.215
V
Dropout Voltage
I(VCCVID) = -20mA
130
200
mV
I(VCCVID) = -150mA
0.8
1.0
V
Current Limit
-300
mA
VIDFB Bias Current
-225
-150
µA
VCCVID Powergood
VCCVID Threshold Voltage
Relative to regulated VCCVID Output
Voltage
1.05
1.10
1.13
V
Charge Current
30
66
90
µA
Discharge Current
4
7
11
mA
Charge Voltage
3.7
4.0
4.2
V
Delay Comparator Threshold
Relative to Charge Voltage
65
90
115
mV
VIDPGD Output Voltage
I(VIDPGD) = 4mA
150
400
mV
VIDPGD Leakage Current
V(VIDPGD) = 5.5V
0
10
µA
Page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com