Electronic Components Datasheet Search
  English  ▼

X  

IR3080PBF Datasheet(PDF) 37 Page - International Rectifier

Part # IR3080PBF
Description  XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3080PBF Datasheet(HTML) 37 Page - International Rectifier

Back Button IR3080PBF Datasheet HTML 33Page - International Rectifier IR3080PBF Datasheet HTML 34Page - International Rectifier IR3080PBF Datasheet HTML 35Page - International Rectifier IR3080PBF Datasheet HTML 36Page - International Rectifier IR3080PBF Datasheet HTML 37Page - International Rectifier IR3080PBF Datasheet HTML 38Page - International Rectifier IR3080PBF Datasheet HTML 39Page - International Rectifier IR3080PBF Datasheet HTML 40Page - International Rectifier IR3080PBF Datasheet HTML 41Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
IR3080
PbF
PCB Metal and Component Placement
• Lead land width should be equal to nominal part lead width. The minimum lead to lead spacing should
be ≥ 0.2mm to minimize shorting.
• Lead land length should be equal to maximum part lead length + 0.2 mm outboard extension + 0.05mm
inboard extension. The outboard extension ensures a large and inspectable toe fillet, and the inboard
extension will accommodate any part misalignment and ensure a fillet.
• Center pad land length and width should be equal to maximum part pad length and width. However, the
minimum metal to metal spacing should be ≥ 0.17mm for 2 oz. Copper (≥ 0.1mm for 1 oz. Copper and ≥
0.23mm for 3 oz. Copper)
• A single 0.30mm diameter via shall be placed in the center of the pad land and connected to ground to
minimize the noise effect on the IC.
Page 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com