Electronic Components Datasheet Search
  English  ▼

X  

IR3080PBF Datasheet(PDF) 27 Page - International Rectifier

Part # IR3080PBF
Description  XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3080PBF Datasheet(HTML) 27 Page - International Rectifier

Back Button IR3080PBF Datasheet HTML 23Page - International Rectifier IR3080PBF Datasheet HTML 24Page - International Rectifier IR3080PBF Datasheet HTML 25Page - International Rectifier IR3080PBF Datasheet HTML 26Page - International Rectifier IR3080PBF Datasheet HTML 27Page - International Rectifier IR3080PBF Datasheet HTML 28Page - International Rectifier IR3080PBF Datasheet HTML 29Page - International Rectifier IR3080PBF Datasheet HTML 30Page - International Rectifier IR3080PBF Datasheet HTML 31Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
IR3080
PbF
DESIGN EXAMPLE 1 - VRD 10 CONVERTER
SPECIFICATIONS
Input Voltage: VI=12 V
DAC Voltage: VDAC=1.35 V
No Load Output Voltage Offset: VO_NLOFST=20 mV
Output Current: IO=105 ADC
Maximum Output Current: IOMAX=120 ADC
Output Impedance: RO=0.91 mΩ
VCC Ready to VCC Power Good Delay: tVccPG=0-10mS
VID Delay Time: tVID=2.5mS
Soft Start Time: tSS=2mS
Over Current Delay: tOCDEL=0.5mS
Dynamic VID Down-Slope Slew Rate: SRDOWN=2.5mV/uS
Over Temperature Threshold: TPCB=115 ºC
POWER STAGE
Phase Number: n=6
Switching Frequency: fSW=400 kHz
Output Inductors: L=220 nH, RL=0.47 mΩ
Output Capacitors: AL-Polymer, C=560uF, RC= 7mΩ, Number Cn=10
IR3080 EXTERNAL COMPONENTS
Oscillator Resistor Rosc
Once the switching frequency is chosen, ROSC can be determined from the curve in Figure 13. For switching
frequency of 400kHz per phase, choose ROSC=30.1kΩ
VID Delay Capacitor CVIDDEL
Given VID delay time tVID =2.5mS, the capacitor can is,
nF
t
C
VID
VIDDEL
42
91
.
3
10
*
5
.
2
10
*
66
91
.
3
*
10
*
66
3
6
6
=
∗
=
=
−
−
−
, choose 47nF
Soft Start Capacitor CSS/DEL and Resistor RSS/DEL
Because faster over-current protection is required, the soft start capacitor CSS/DEL in series with the resistor
RSS/DEL is used. Calculate the soft start capacitor from the required soft start time.
uF
V
t
I
C
O
SS
CHG
DEL
SS
1
.
0
10
*
20
35
.
1
10
*
2
10
*
70
3
3
6
/
=
−
∗
=
∗
=
−
−
−
Calculate the soft start resistor from the required over current delay time tOCDEL,
Ω
=
∗
−
=
∗
−
=
−
−
−
−
k
I
C
I
t
R
DISCHG
DEL
SS
DISCHG
OCDEL
DEL
SS
10
10
*
6
10
*
1
.
0
10
*
6
10
*
5
.
0
09
.
0
09
.
0
6
6
6
3
/
/
The soft start delay time is
mS
I
I
R
C
t
CHG
CHG
DEL
SS
DEL
SS
SSDEL
86
.
0
10
*
70
)
10
*
70
*
10
*
10
3
.
1
(
10
*
1
.
0
)
3
.
1
(
6
6
3
6
/
/
=
−
∗
=
∗
−
∗
=
−
−
−
Page 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com