Electronic Components Datasheet Search
  English  ▼

X  

IR3080PBF Datasheet(PDF) 33 Page - International Rectifier

Part # IR3080PBF
Description  XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3080PBF Datasheet(HTML) 33 Page - International Rectifier

Back Button IR3080PBF Datasheet HTML 29Page - International Rectifier IR3080PBF Datasheet HTML 30Page - International Rectifier IR3080PBF Datasheet HTML 31Page - International Rectifier IR3080PBF Datasheet HTML 32Page - International Rectifier IR3080PBF Datasheet HTML 33Page - International Rectifier IR3080PBF Datasheet HTML 34Page - International Rectifier IR3080PBF Datasheet HTML 35Page - International Rectifier IR3080PBF Datasheet HTML 36Page - International Rectifier IR3080PBF Datasheet HTML 37Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
IR3080
PbF
Ω
=
∗
∗
=
∗
∗
∗
=
−
−
576
10
*
91
.
0
6
2
.
30
*
10
*
64
.
0
162
3
3
_
_
O
MIN
CS
MAX
L
FB
DRP
R
n
G
R
R
R
Control IC Over Temperature Setting Resistors RHOTSETC1 and RHOTSETC2
Set the temperature threshold at 115 ºC, which corresponds the IC die temperature of 116 ºC. Calculate the
HOTSET threshold voltage corresponding to the temperature thresholds.
V
T
V
J
HOTSET
79
.
1
241
.
1
116
10
*
73
.
4
241
.
1
*
10
*
73
.
4
3
3
=
+
∗
=
+
=
−
−
, choose RHOTSETC1=10.0kΩ,
Ω
=
−
∗
=
−
∗
=
k
V
V
V
R
R
HOTSET
BIAS
HOTSET
HOTSETC
HOTSETC
57
.
3
79
.
1
8
.
6
79
.
1
10
*
10
3
1
2
Body Braking Related Resistors RBBFB and RBBDRP
N/A. The body braking during Dynamic VID is disabled.
IR3086A EXTERNAL COMPONENTS
PWM Ramp Resistor RPWMRMP and Capacitor CPWMRMP
Set PWM ramp magnitude VPWMRMP=0.75V. Choose 100pF for PWM ramp capacitor CPWMRMP, and calculate the
resistor RPWMRMP,
)]
ln(
)
[ln(
*
*
*
PWMRMP
DAC
IN
DAC
IN
PWMRMP
SW
IN
O
PWMRMP
V
V
V
V
V
C
f
V
V
R
−
−
−
−
=
Ω
=
−
−
−
−
∗
−
∗
∗
k
2
.
18
)]
75
.
0
3
.
1
12
ln(
)
3
.
1
12
[ln(
12
10
*
100
3
10
*
800
12
28
.
1
=
Inductor Current Sensing Capacitor CCS+ and Resistors RCS+ and RCS-
Choose 47nF for capacitor CCS+ and calculate RCS+,
Ω
=
=
=
−
−
−
+
+
k
C
R
L
R
CS
L
CS
22
.
4
10
*
47
)
10
*
5
.
0
/(
10
*
100
9
3
9
The bias currents of CSIN+ and CSIN- are 0.25uA and 0.4uA respectively. Calculate resistor RCS-,
Ω
=
∗
=
∗
=
+
−
k
R
R
CS
CS
61
.
2
10
*
22
.
4
4
.
0
25
.
0
4
.
0
25
.
0
3
Combined Over Temperature and Phase Delay Setting Resistors RPHASEx1, RPHASEx2 and RPHASEx3
The over temperature setting resistor divider is combined with the phase delay resistor divider. Set the temperature
threshold at 115 ºC, which corresponds the IC die temperature of 116 ºC, and calculate the HOTSET threshold
voltage corresponding to the temperature thresholds.
V
T
V
J
HOTSET
79
.
1
241
.
1
116
10
*
73
.
4
241
.
1
10
*
73
.
4
3
3
=
+
∗
=
+
∗
=
−
−
The phase delay resistor ratios for phases 1 to 6 at 800kHz of switching frequencies are RAPHASE1=0.665,
RAPHASE2=0.432, RAPHASE3=0.198, RAPHASE4=0.206, RAPHASE5=0.401 and RAPHASE6=0.597 starting from down-
slope.
Page 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com