Electronic Components Datasheet Search
  English  ▼

X  

IR3080PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IR3080PBF
Description  XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3080PBF Datasheet(HTML) 5 Page - International Rectifier

  IR3080PBF Datasheet HTML 1Page - International Rectifier IR3080PBF Datasheet HTML 2Page - International Rectifier IR3080PBF Datasheet HTML 3Page - International Rectifier IR3080PBF Datasheet HTML 4Page - International Rectifier IR3080PBF Datasheet HTML 5Page - International Rectifier IR3080PBF Datasheet HTML 6Page - International Rectifier IR3080PBF Datasheet HTML 7Page - International Rectifier IR3080PBF Datasheet HTML 8Page - International Rectifier IR3080PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
IR3080
PbF
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VCC Under-Voltage Lockout
Start Threshold
8.6
9.1
9.6
V
Stop Threshold
8.4
8.9
9.4
V
Hysteresis
Start – Stop
150
200
300
mV
General
VCC Supply Current
8
11
14
mA
VIDPWR Supply Current
VID0-5 Open, I(VCCVID) = 0
400
550
1000
µA
VOSNS- Current
-0.3V ≤ VOSNS- ≤ 0.3V, All VID Codes
-5.5
-4.5
-3.5
mA
VRHOT Comparator
HOTSET Bias Current
-2
-0.5
1
µA
Output Voltage
I(VRHOT) = 29mA
300
400
mV
VRHOT Leakage Current
V(VRHOT) = 5.5V
0
10
µA
Threshold Hysteresis
TJ ≥ 85
oC
3
6
10
oC
MIN
TYP
MAX
Threshold Voltage
(increasing temperature)
TJ ≥ 85
oC
4.73mV/
oC x T
J
+ 1.176V
4.73mV/
oC x T
J
+ 1.241V
4.73mV/
oC x T
J
+ 1.356V
V
Note 1: Guaranteed by design, but not tested in production
Note 2: VDAC Output is trimmed to compensate for Error Amplifier input offsets errors
Page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com