Electronic Components Datasheet Search
  English  ▼

X  

PCD8544 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCD8544
Description  48 x 84 pixels matrix LCD controller/driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD8544 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCD8544 Datasheet HTML 2Page - NXP Semiconductors PCD8544 Datasheet HTML 3Page - NXP Semiconductors PCD8544 Datasheet HTML 4Page - NXP Semiconductors PCD8544 Datasheet HTML 5Page - NXP Semiconductors PCD8544 Datasheet HTML 6Page - NXP Semiconductors PCD8544 Datasheet HTML 7Page - NXP Semiconductors PCD8544 Datasheet HTML 8Page - NXP Semiconductors PCD8544 Datasheet HTML 9Page - NXP Semiconductors PCD8544 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
1999 Apr 12
6
Philips Semiconductors
Product specification
48
× 84 pixels matrix LCD controller/driver
PCD8544
7
FUNCTIONAL DESCRIPTION
7.1
Oscillator
The on-chip oscillator provides the clock signal for the
display system. No external components are required and
the OSC input must be connected to VDD. An external
clock signal, if used, is connected to this input.
7.2
Address Counter (AC)
The address counter assigns addresses to the display
data RAM for writing. The X-address X6 to X0 and the
Y-address Y2 to Y0 are set separately. After a write
operation, the address counter is automatically
incremented by 1, according to the V flag.
7.3
Display Data RAM (DDRAM)
The DDRAM is a 48
× 84 bit static RAM which stores the
display data. The RAM is divided into six banks of 84 bytes
(6
× 8 × 84 bits). During RAM access, data is transferred
to the RAM through the serial interface. There is a direct
correspondence between the X-address and the column
output number.
7.4
Timing generator
The timing generator produces the various signals
required to drive the internal circuits. Internal chip
operation is not affected by operations on the data buses.
7.5
Display address counter
The display is generated by continuously shifting rows of
RAM data to the dot matrix LCD through the column
outputs. The display status (all dots on/off and
normal/inverse video) is set by bits E and D in the ‘display
control’ command.
7.6
LCD row and column drivers
The PCD8544 contains 48 row and 84 column drivers,
which connect the appropriate LCD bias voltages in
sequence to the display in accordance with the data to be
displayed. Figure 2 shows typical waveforms. Unused
outputs should be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com