Electronic Components Datasheet Search
  English  ▼

X  

PCD8544 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCD8544
Description  48 x 84 pixels matrix LCD controller/driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD8544 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCD8544 Datasheet HTML 7Page - NXP Semiconductors PCD8544 Datasheet HTML 8Page - NXP Semiconductors PCD8544 Datasheet HTML 9Page - NXP Semiconductors PCD8544 Datasheet HTML 10Page - NXP Semiconductors PCD8544 Datasheet HTML 11Page - NXP Semiconductors PCD8544 Datasheet HTML 12Page - NXP Semiconductors PCD8544 Datasheet HTML 13Page - NXP Semiconductors PCD8544 Datasheet HTML 14Page - NXP Semiconductors PCD8544 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
1999 Apr 12
11
Philips Semiconductors
Product specification
48
× 84 pixels matrix LCD controller/driver
PCD8544
8
INSTRUCTIONS
The instruction format is divided into two modes: If D/C
(mode select) is set LOW, the current byte is interpreted as
command byte (see Table 1). Figure 8 shows an example
of a serial data stream for initializing the chip. If D/C is set
HIGH, the following bytes are stored in the display data
RAM. After every data byte, the address counter is
incremented automatically.
The level of the D/C signal is read during the last bit of data
byte.
Each instruction can be sent in any order to the PCD8544.
The MSB of a byte is transmitted first. Figure 9 shows one
possible command stream, used to set up the LCD driver.
The serial interface is initialized when SCE is HIGH. In this
state, SCLK clock pulses have no effect and no power is
consumed by the serial interface. A negative edge on SCE
enables the serial interface and indicates the start of a data
transmission.
Fig.8 General format of data stream.
handbook, halfpage
MGL666
data
data
MSB (DB7)
LSB (DB0)
Fig.9 Serial data stream, example.
handbook, full pagewidth
MGL642
function set (H = 1)
bias system
set VOP
temperature control
function set (H = 0)
display control
X address
Y address
Figures 10 and 11 show the serial bus protocol.
• When SCE is HIGH, SCLK clock signals are ignored;
during the HIGH time of SCE, the serial interface is
initialized (see Fig.12)
• SDIN is sampled at the positive edge of SCLK
• D/C indicates whether the byte is a command (D/C=0)
or RAM data (D/C = 1); it is read with the eighth SCLK
pulse
• If SCE stays LOW after the last bit of a command/data
byte, the serial interface expects bit 7 of the next byte at
the next positive edge of SCLK (see Fig.12)
• A reset pulse with RES interrupts the transmission.
No data is written into the RAM. The registers are
cleared. If SCE is LOW after the positive edge of RES,
the serial interface is ready to receive bit 7 of a
command/data byte (see Fig.13).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com