Electronic Components Datasheet Search
  English  ▼

X  

PCD8544 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCD8544
Description  48 x 84 pixels matrix LCD controller/driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD8544 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCD8544 Datasheet HTML 11Page - NXP Semiconductors PCD8544 Datasheet HTML 12Page - NXP Semiconductors PCD8544 Datasheet HTML 13Page - NXP Semiconductors PCD8544 Datasheet HTML 14Page - NXP Semiconductors PCD8544 Datasheet HTML 15Page - NXP Semiconductors PCD8544 Datasheet HTML 16Page - NXP Semiconductors PCD8544 Datasheet HTML 17Page - NXP Semiconductors PCD8544 Datasheet HTML 18Page - NXP Semiconductors PCD8544 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
1999 Apr 12
15
Philips Semiconductors
Product specification
48
× 84 pixels matrix LCD controller/driver
PCD8544
8.1
Initialization
Immediately following power-on, the contents of all internal
registers and of the RAM are undefined. A RES pulse
must be applied. Attention should be paid to the
possibility that the device may be damaged if not properly
reset.
All internal registers are reset by applying an external RES
pulse (active LOW) at pad 31, within the specified time.
However, the RAM contents are still undefined. The state
after reset is described in Section 8.2.
The RES input must be
≤0.3VDD when VDD reaches VDDmin
(or higher) within a maximum time of 100 ms after VDD
goes HIGH (see Fig.16).
8.2
Reset function
After reset, the LCD driver has the following state:
• Power-down mode (bit PD = 1)
• Horizontal addressing (bit V = 0) normal instruction set
(bit H = 0)
• Display blank (bit E = D = 0)
• Address counter X
6 to X0 = 0; Y2 to Y0 =0
• Temperature control mode (TC1 TC0 =0)
• Bias system (BS2 to BS0 =0)
• VLCD is equal to 0, the HV generator is switched off
(VOP6 to VOP0 =0)
• After power-on, the RAM contents are undefined.
8.3
Function set
8.3.1
BIT PD
• All LCD outputs at VSS (display off)
• Bias generator and VLCD generator off, VLCD can be
disconnected
• Oscillator off (external clock possible)
• Serial bus, command, etc. function
• Before entering Power-down mode, the RAM needs to
be filled with ‘0’s to ensure the specified current
consumption.
8.3.2
BIT V
When V = 0, the horizontal addressing is selected.
The data is written into the DDRAM as shown in Fig.6.
When V = 1, the vertical addressing is selected. The data
is written into the DDRAM, as shown in Fig.5.
8.3.3
BIT H
When H = 0 the commands ‘display control’, ‘set
Y address’ and ‘set X address’ can be performed; when
H = 1, the others can be executed. The ‘write data’ and
‘function set’ commands can be executed in both cases.
8.4
Display control
8.4.1
BITS D AND E
Bits D and E select the display mode (see Table 2).
8.5
Set Y address of RAM
Yn defines the Y vector addressing of the display RAM.
Table 3
Y vector addressing
8.6
Set X address of RAM
The X address points to the columns. The range of X is
0 to 83 (53H).
8.7
Temperature control
The temperature coefficient of VLCD is selected by bits
TC1 and TC0.
8.8
Bias value
The bias voltage levels are set in the ratio of
R-R-nR-R-R, giving a 1/(n + 4) bias system. Different
multiplex rates require different factors n (see Table 4).
This is programmed by BS2 to BS0. For Mux 1 : 48, the
optimum bias value n, resulting in 1/8 bias, is given by:
(1)
Y2
Y1
Y0
BANK
000
0
001
1
010
2
011
3
100
4
101
5
n48
3
–
3.928
4
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com