Electronic Components Datasheet Search
  English  ▼

X  

PCD8544 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCD8544
Description  48 x 84 pixels matrix LCD controller/driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD8544 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCD8544 Datasheet HTML 12Page - NXP Semiconductors PCD8544 Datasheet HTML 13Page - NXP Semiconductors PCD8544 Datasheet HTML 14Page - NXP Semiconductors PCD8544 Datasheet HTML 15Page - NXP Semiconductors PCD8544 Datasheet HTML 16Page - NXP Semiconductors PCD8544 Datasheet HTML 17Page - NXP Semiconductors PCD8544 Datasheet HTML 18Page - NXP Semiconductors PCD8544 Datasheet HTML 19Page - NXP Semiconductors PCD8544 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
1999 Apr 12
16
Philips Semiconductors
Product specification
48
× 84 pixels matrix LCD controller/driver
PCD8544
Table 4
Programming the required bias system
Table 5
LCD bias voltage
BS2
BS1
BS0
n
RECOMMENDED
MUX RATE
0007
1 : 100
0016
1 : 80
0105
1 : 65/1 : 65
0114
1 : 48
1003
1 : 40/1 : 34
1012
1 : 24
1101
1 : 18/1 : 16
1110
1 : 10/1 : 9/1 : 8
SYMBOL
BIAS VOLTAGES
BIAS VOLTAGE FOR 1
⁄8 BIAS
V1
VLCD
VLCD
V2
(n + 3)/(n + 4)
7
⁄8 × VLCD
V3
(n + 2)/(n + 4)
6
⁄8 × VLCD
V4
2/(n + 4)
2
⁄8 × VLCD
V5
1/(n + 4)
1
⁄8 × VLCD
V6
VSS
VSS
8.9
Set VOP value
The operation voltage VLCD can be set by software.
The values are dependent on the liquid crystal selected.
VLCD =a+(VOP6 to VOP0) × b [V]. In the PCD8544,
a = 3.06 and b = 0.06 giving a program range of
3.00 to 10.68 at room temperature.
Note that the charge pump is turned off if VOP6 to VOP0 is
set to zero.
For Mux 1 : 48, the optimum operation voltage of the liquid
can be calculated as:
(2)
where Vth is the threshold voltage of the liquid crystal
material used.
Caution, as VOP increases with lower temperatures,
care must be taken not to set a VOP that will exceed the
maximum of 8.5 V when operating at
−25 °C.
V
LCD
148
+
21
1
48
----------
–


⋅
--------------------------------------- V
th
⋅
6.06 V
th
⋅
==
Fig.14 VOP programming.
a = 3.06.
b = 0.06.
VOP6 to VOP0 (programmed) [00 to 7FH].
handbook, halfpage
MGL643
00 01 02 03 04 05 06 07 08 09 0A ...
VLCD
b
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com