Electronic Components Datasheet Search
  English  ▼

X  

PCD8544 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCD8544
Description  48 x 84 pixels matrix LCD controller/driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD8544 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCD8544 Datasheet HTML 19Page - NXP Semiconductors PCD8544 Datasheet HTML 20Page - NXP Semiconductors PCD8544 Datasheet HTML 21Page - NXP Semiconductors PCD8544 Datasheet HTML 22Page - NXP Semiconductors PCD8544 Datasheet HTML 23Page - NXP Semiconductors PCD8544 Datasheet HTML 24Page - NXP Semiconductors PCD8544 Datasheet HTML 25Page - NXP Semiconductors PCD8544 Datasheet HTML 26Page - NXP Semiconductors PCD8544 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
1999 Apr 12
23
Philips Semiconductors
Product specification
48
× 84 pixels matrix LCD controller/driver
PCD8544
The pinning is optimized for single plane wiring e.g. for chip-on-glass display modules. Display size: 48
× 84 pixels.
11
100000100
data write
12
100011111
data write
13
000001101
display control; set
inverse video mode
(D=1andE=1)
14
010000000
set X address of RAM;
set address to ‘0000000’
15
100000000
data write
STEP
SERIAL BUS BYTE
DISPLAY
OPERATION
D/C
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
MGL677
MGL678
MGL679
MGL679
MGL680
Fig.17 Application diagram.
handbook, halfpage
MGL635
DISPLAY 48
× 84 pixels
PCD8544
I/O
VDD VSS VLCD
Cext
8
84
24
24
The required minimum value for the external capacitors is:
Cext = 1.0 µF.
Higher capacitor values are recommended for ripple
reduction.
14 BONDING PAD LOCATIONS
14.1
Bonding pad information (see Fig.18)
PARAMETER
SIZE
Pad pitch
min. 100
µm
Pad size, aluminium
80
× 100 µm
Bump dimensions
59
× 89 × 17.5 (±5) µm
Wafer thickness
max. 380
µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com