Electronic Components Datasheet Search
  English  ▼

X  

PCD8544 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCD8544
Description  48 x 84 pixels matrix LCD controller/driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD8544 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCD8544 Datasheet HTML 10Page - NXP Semiconductors PCD8544 Datasheet HTML 11Page - NXP Semiconductors PCD8544 Datasheet HTML 12Page - NXP Semiconductors PCD8544 Datasheet HTML 13Page - NXP Semiconductors PCD8544 Datasheet HTML 14Page - NXP Semiconductors PCD8544 Datasheet HTML 15Page - NXP Semiconductors PCD8544 Datasheet HTML 16Page - NXP Semiconductors PCD8544 Datasheet HTML 17Page - NXP Semiconductors PCD8544 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
1999 Apr 12
14
Philips Semiconductors
Product specification
48
× 84 pixels matrix LCD controller/driver
PCD8544
Table 1
Instruction set
Table 2
Explanations of symbols in Table 1
INSTRUCTION
D/C
COMMAND BYTE
DESCRIPTION
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
(H = 0 or 1)
NOP
0
00000000no operation
Function set
0
00100PD
V
H
power down control; entry
mode; extended instruction set
control (H)
Write data
1
D7
D6
D5
D4
D3
D2
D1
D0
writes data to display RAM
(H = 0)
Reserved
0
000001X
X
do not use
Display control
0
00001D
0E
sets display configuration
Reserved
0
0001
XXXXdo not use
Set Y address of
RAM
0
01000Y2
Y1
Y0
sets Y-address of RAM;
0
≤ Y ≤ 5
Set X address of
RAM
01
X6
X5
X4
X3
X2
X1
X0
sets X-address part of RAM;
0
≤ X ≤ 83
(H = 1)
Reserved
0
00000001do not use
0
0000001X
do not use
Temperature
control
0
000001TC1
TC0
set Temperature Coefficient
(TCx)
Reserved
0
00001
X
X
X
do not use
Bias system
0
00010BS2
BS1
BS0
set Bias System (BSx)
Reserved
0
0
1
XXXXXXdo not use
Set VOP
01
VOP6 VOP5 VOP4 VOP3 VOP2 VOP1 VOP0 write VOP to register
BIT
0
1
PD
chip is active
chip is in Power-down mode
V
horizontal addressing
vertical addressing
H
use basic instruction set
use extended instruction set
D and E
00
display blank
10
normal mode
01
all display segments on
11
inverse video mode
TC1 and TC0
00
VLCD temperature coefficient 0
01
VLCD temperature coefficient 1
10
VLCD temperature coefficient 2
11
VLCD temperature coefficient 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com