Electronic Components Datasheet Search
  English  ▼

X  

MS1100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MS1100
Description  16-Bit ADC with On-board Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MS1100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MS1100 Datasheet HTML 1Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 2Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 3Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 4Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 5Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 6Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 7Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 8Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MS1100
Hangzhou Ruimeng Technology Co.,Ltd
VERSION : V1.10
2023.05.22
http://www.relmon.com
- PAGE 2 -
PIN CONFIGURATION
1
2
3
4
5
VIN+
GND
SCL
VIN-
SDA
MS1100
6
VDD
PIN DESCRIPTION
Pin
Symbol
Type
Description
1
VIN+
I
Differential Positive Input
2
GND
-
Ground
3
SCL
I
Serial Clock Input
4
SDA
I/O
Serial Data: Transmits and Receives Data
5
VDD
-
Power Supply
6
VIN-
I
Differential Negative Input
BLOCK DIAGRAM
2.048V
Reference
Clock
ΣΔ
Con verter
I²C
Digital
Filter
PGA
GAIN=1,2,4,8
VIN+
VIN-
SCL
SDA
VDD
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com