Electronic Components Datasheet Search
  English  ▼

X  

MS1100 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MS1100
Description  16-Bit ADC with On-board Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MS1100 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MS1100 Datasheet HTML 1Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 2Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 3Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 4Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 5Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 6Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 7Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 8Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MS1100
Hangzhou Ruimeng Technology Co.,Ltd
VERSION : V1.10
2023.05.22
http://www.relmon.com
- PAGE 4 -
ELECTRICAL CHARACTERISTICS
Unless otherwise noted, VDD=5.0V.
Parameter
Condition
Min
Typ
Max
Unit
Analog Input
Full-Scale Input Voltage
(VIN+)-(VIN-)
±2.048/PGA
V
Analog Input Voltage
VIN+ to GND, VIN- to GND
GND-0.2
VDD+0.2
V
Differential Input Impedance
2.8/PGA
MΩ
Common-Mode
Input Impedance
PGA=1
3.5
MΩ
PGA=2
3.5
MΩ
PGA=4
1.8
MΩ
PGA=8
0.9
MΩ
System Performance
Resolution and
No Missing Codes
DR=00
12
12
Bits
DR=01
14
14
Bits
DR=10
15
15
Bits
DR=11
16
16
Bits
Output Rate
DR=00
180
240
308
SPS
DR=01
45
60
77
SPS
DR=10
22
30
39
SPS
DR=11
11
15
20
SPS
Integral Non-linearity
DR=11, PGA=1, End Point 1
±0.004
±0.010 % of FSR2
Offset Error
PGA=1
8
15
mV
PGA=2
8
15
mV
PGA=4
8
15
mV
PGA=8
8
15
mV
Offset Drift
PGA=1
1.2
μV/°C
PGA=2
0.6
μV/°C
PGA=4
0.3
μV/°C
PGA=8
0.3
μV/°C
Offset VS. VDD
PGA=1
800
μV/V
PGA=2
400
μV/V
PGA=4
200
μV/V
PGA=8
150
μV/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com