Electronic Components Datasheet Search
  English  ▼

X  

MS1100 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MS1100
Description  16-Bit ADC with On-board Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MS1100 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MS1100 Datasheet HTML 3Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 4Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 5Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 6Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 7Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 8Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 9Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 10Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MS1100
Hangzhou Ruimeng Technology Co.,Ltd
VERSION : V1.10
2023.05.22
http://www.relmon.com
- PAGE 7 -
Clock Oscillator
The MS1100 features an on-board clock oscillator, which drives modulator and digital filter without need
for external clock.
Input Impedance
The input stage of the MS1100 uses switched-capacitor. The equivalent resistance value depends on the
capacitor value and switching frequency. The capacitor value depends on the PGA setting. The clock is
generated by the on-board clock oscillator. The typical operating frequency is 275kHz.
The common-mode and differential input impedance are different. Details see in Electrical Characteristics.
For input source with high output impedance, buffer may be necessary externally on input terminal.
Aliasing
If the input signal frequency of the MS1100 exceeds half of the update rate, aliasing will occur. To prevent
aliasing, the input signal must be band-limited. The digital filter of the MS1100 provides some attenuation of
high-frequency noise to some extent, but sinc filter cannot completely replace an anti-aliasing filter. For a few
applications, external filtering also is needed.
When designing input filter circuit, remember to take into account the impedance match between the
filter and the MS1100 input.
Operation Mode
The MS1100 has two conversion modes: continuous conversion and single conversion.
In continuous conversion mode, after a conversion has been completed, the MS1100 places the result in
the result register and immediately begins another conversion.
In single conversion mode, the MS1100 will wait until the ST/DRDY bit in the configuration register is set
to 1. Then the MS1100 start a conversion. After the conversion is completed, the MS1100 places the result in
the result register, resets the ST/DRDY bit to 0 and powers down.
When switched from continuous conversion mode to single conversion mode, the MS1100 completes the
current conversion, resets the ST/DRDY bit to 0 and powers down.
Reset and Power-up
When the MS1100 powers up, it automatically performs a reset. The MS1100 sets all of the bits in the
configuration register to their default settings.
The MS1100 responds to the I2C General Call Reset command. When the MS1100 receives a General Call
Reset, it performs a reset.
I2C Interface
The MS1100 communicates through an I2C interface.
A timing diagram is shown in Figure 1. The related parameters for this diagram are given in Table 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com