Electronic Components Datasheet Search
  English  ▼

X  

MS1100 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # MS1100
Description  16-Bit ADC with On-board Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MS1100 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button MS1100 Datasheet HTML 8Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 9Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 10Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 11Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 12Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 13Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 14Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 15Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MS1100
Hangzhou Ruimeng Technology Co.,Ltd
VERSION : V1.10
2023.05.22
http://www.relmon.com
- PAGE 12 -
Low-Side Current Monitor
Figure 6 shows a circuit for a low-side current monitor. The circuit reads the voltage across a shunt resistor,
the voltage of which is amplified by the MS8552, and the result is read by the MS1100.
It is suggested that the MS1100 be operated at a gain of 8. The gain of the MS8552 can be reduced. For a
gain of 8, the op amp should provide output voltage of no greater than 0.256V. Therefore, the shunt resistor
is sized to provide a maximum voltage drop of 64mV at full-scale current.
MS1100
LOAD
MS8552
RS
(2)
1kΩ
3kΩ
G=+4
49.9kΩ
R3
(1)
FS = 0.256V
(P GA Gain = 8)
FS = 0.2V
0.1μF
VDD
VREF
5V
I
2C
NOTE: (1) Pull-down resistor allows outpu t to 0V.
(2) RS is sized for a 64mV drop at full-scale current.
Figure 6. Low-Side Current Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com