Electronic Components Datasheet Search
  English  ▼

X  

MS1100 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MS1100
Description  16-Bit ADC with On-board Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MS1100 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MS1100 Datasheet HTML 6Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 7Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 8Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 9Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 10Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 11Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 12Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 13Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MS1100
Hangzhou Ruimeng Technology Co.,Ltd
VERSION : V1.10
2023.05.22
http://www.relmon.com
- PAGE 10 -
Reading from the MS1100
Read the value in the result register and the configuration register. First address the MS1100, then read
three bytes from the device. The first two bytes are the result register’s contents, and the third byte is the
configuration register’s contents.
It is not required to read the configuration register. It is permissible to read fewer than three bytes during
a read operation. Reading more than three bytes from the MS1100 has no effect. All bytes from the fourth
byte will be FFH.
The timing diagram of typical read operation for the MS1100 is shown in Figure 2.
1
9
1
9
1
1
A2
A1
A0 R/W
0
0
D15 D14 D13 D12 D11 D10 D9
D8
Start By
Master
ACK By
MS1100
From
MS1100
ACK By
Master
Frame 1: I
2C Slave Address Bit
Frame 2: Result Register Upper 8Bit
SCL
SDA
Stop By
Master
1
9
1
9
D7
D6
D5
D4
D3
D2
D1
D0
ST/
DRDY
0
0
SC DR1 DR0 PGA1 PGA0
is set to 1
From
MS1100
From
MS1100
Frame 3: Result Register Lower 8Bit
Frame 4: Configuration Register (Optional)
ACK By
Master
SCL
(continued)
SDA
(continued)
ST/DRDY
Figure 2. Timing Diagram for Reading from the MS1100
Writing to the MS1100
Write to the configuration register. First address the MS1100, then write into one byte. The byte will be
written to the configuration register.
Writing more than one byte to the MS1100 has no effect. The MS1100 will ignore any byte after the first
byte. The timing diagram of typical write operation for the MS1100 is shown in Figure 3.
1
9
1
9
1
1
A2
A1
A0
R/W
0
0
Start By
Master
ACK By
MS1100
ACK By
MS1100
Frame 1: I
2C Slave Address Bit
Frame 2: Configuration Register
SCL
SDA
0
0
SC
DR1 DR0 PGA1 PGA0
ST/
DRDY
Stop By
Master
Figure 3. Timing Diagram for Writing to the MS1100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com