Electronic Components Datasheet Search
  English  ▼

X  

MS1100 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MS1100
Description  16-Bit ADC with On-board Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MS1100 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MS1100 Datasheet HTML 1Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 2Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 3Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 4Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 5Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 6Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 7Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 8Page - List of Unclassifed Manufacturers MS1100 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MS1100
Hangzhou Ruimeng Technology Co.,Ltd
VERSION : V1.10
2023.05.22
http://www.relmon.com
- PAGE 5 -
Parameter
Condition
Min
Typ
Max
Unit
System Performance
Gain Error
0.05
0.4
%
PGA Gain Match Error 3
Any two gain match
0.02
0.1
%
Gain Error Drift
10
ppm/°C
Gain VS. VDD
80
ppm/V
Common-Mode Rejection Ratio
DC input and PGA=8
95
105
dB
DC input and PGA=1
100
dB
Digital Input/Output
Input High Voltage
0.7×VDD
6
V
Input Low Voltage
GND-0.5
0.3×VDD
V
Output Low Voltage
IOL=3mA
GND
0.4
V
Input High Peak Current
10
μA
Input Low Peak Current
-10
μA
Power Supply Requirements
Operating Voltage
VDD
2.7
5.5
V
Supply Current
Power-down
0.05
2
μA
Operation
315
350
μA
Power Dissipation
VDD=5.0V
1.6
1.9
mW
VDD=3.0V
0.96
mW
Note:
1. 99% of full-scale.
2. FSR = full-scale range = 2 × 2.048V/PGA = 4.096V/PGA.
3. Includes all errors from PGA and reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com