Electronic Components Datasheet Search
  English  ▼

X  

TSS461F Datasheet(PDF) 23 Page - ATMEL Corporation

Part # TSS461F
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461F Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button TSS461F Datasheet HTML 19Page - ATMEL Corporation TSS461F Datasheet HTML 20Page - ATMEL Corporation TSS461F Datasheet HTML 21Page - ATMEL Corporation TSS461F Datasheet HTML 22Page - ATMEL Corporation TSS461F Datasheet HTML 23Page - ATMEL Corporation TSS461F Datasheet HTML 24Page - ATMEL Corporation TSS461F Datasheet HTML 25Page - ATMEL Corporation TSS461F Datasheet HTML 26Page - ATMEL Corporation TSS461F Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
23
7615A–AUTO–02/06
TSS461F
Registers
The TSS461F memory map consists of three different areas, the Control & Status registers, the
Channel Registers and the Message Data (or Mailbox).
Mapping
Figure 17. Memory Map
Notes:
1. All the non-specified addresses between 0x00 and 0x7F are considered as absent.
2. (r) means read only register.
(w) means write only register.
(r/w) means read/write register.
3. Value after RESET is found after register name. If no value is given, the register is not initialized at RESET.
0x70 to 0x77 (r/w)
Reserved
0x7C & 0x7D
Reserved
Channel 9
0x58 to 0x5F (r/w)
Channel 10
0x60 to 0x67 (r/w)
0x17 (r/w)
Channel 2
0x20 to 0x27 (r/w)
0x10 (r/w)
0x28 to 0x2F (r/w)
Channel 5
0x78 (r/w)
0x79 (r/w)
0x7A (r/w)
0x7B (r/w)
Channel 13
0x78 to 0x7F (r/w)
0x38 to 0x3F (r/w)
ID_Mask [11..4]
ID_TAG [11..4]
ID_Mask [3..0]
0x11 (r/w)
0x12 (r/w)
0x13 (r/w)
0x14 & 0x15
0x16 (r/w)
Line Control (0x00)
0x01 (r/w) Transmit Control (0x02)
0x81
Data Byte 1
Diagnosis Control (0x00)
Command (0x00)
Line Status (0bx01xxx00)
Transmit Status (0x00)
Last Message Status (0x00)
Last Error Status (0x00)
Reserved
Interrupt Status (0x80)
Interrupt Enable (0x80)
0x00 (r/w)
0x02 (r/w)
0x03 (w)
0x04 (r)
0x05 (r)
0x06 (r)
0x07 (r)
0x08
0x09 (r)
0x0B (w)
Interrupt Reset
0x0A (r/w)
0xFF
Data Byte 127
0x80
0x82
0x83
0x84
0x85
0x86
0x87
0x88
0x89
0x8A
0x8B
0x8C
Data Byte 0
Data Byte 2
Data Byte 3
Data Byte 4
Data Byte 5
Data Byte 6
Data Byte 7
Data Byte 8
Data Byte 9
Data Byte 10
Data Byte 11
Data Byte 12
Channel 4
Channel 8
Channel 6
Channel 12
Channel 1
Channel 11
Channel 7
Reserved
0x10 to 0x17 (r/w)
0x30 to 0x37 (r/w)
0x50 to 0x57 (r/w)
0x40 to 0x47 (r/w)
0x18 to 0x1F (r/w)
0x68 to 0x6F (r/w)
0x48 to 0x4F (r/w)
0x0C to 0x0F
Register
Message
ID_TAG [3..0] + COM
DRAK + Message Address
Message Length + Status
Reserved
Channel 0 Registers
Channel 0
ID_TAG (lsb) + COM
ID_TAG (msb)
DRAK + Message Address
Message Length + Status
0x7E (r/w)
Channel 13 Registers
ID_Mask [11..4]
0x7F (r/w)
ID_Mask [3..0]
ID_Mask [11..4]
Channel 3
Channel 13
Channel 2
0x17 (r/w)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com