Electronic Components Datasheet Search
  English  ▼

X  

TSS461F Datasheet(PDF) 33 Page - ATMEL Corporation

Part # TSS461F
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461F Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button TSS461F Datasheet HTML 29Page - ATMEL Corporation TSS461F Datasheet HTML 30Page - ATMEL Corporation TSS461F Datasheet HTML 31Page - ATMEL Corporation TSS461F Datasheet HTML 32Page - ATMEL Corporation TSS461F Datasheet HTML 33Page - ATMEL Corporation TSS461F Datasheet HTML 34Page - ATMEL Corporation TSS461F Datasheet HTML 35Page - ATMEL Corporation TSS461F Datasheet HTML 36Page - ATMEL Corporation TSS461F Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
33
7615A–AUTO–02/06
TSS461F
TOK: Transmit OK
Status Flag
RE: Receive Error
Status Flag
ROK: Receive “with
RAK (RAK=1)” OK
Status Flag
RNOK: Receive “with no
RAK (RAK=0)” OK
Status Flag
One: Status flag activated
Zero: No status flag.
Interrupt Enable Register (0x0A)
•
Read/write register
•
Default value reset: 0x80
Note:
On reset the Reset Interrupt Enable bit is set to 1 instead of 0, as the general rule.
TEE: Transmit Error
Enable
TOKE: Transmission OK
Enable
REE: Reception Error
Enable
ROKE: Reception “with
RAK” OK Enable
RNOKE: Reception
“with no RAK” OK
Enable
One: IT enabled.
Zero: IT disabled.
Interrupt Reset Register (0x0B)
•
Write only register.
•
Reserved bit: 5 and 6. This bit cannot be set by user; a zero must always be written to this
bit.
76
543
210
1
0
0
TEE
TOKE
REE
ROKE
RNOKE
76
543
210
RSTR
0
0
TER
TOKR
RER
ROKR
RNOKR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com