Electronic Components Datasheet Search
  English  ▼

X  

TSS461F Datasheet(PDF) 29 Page - ATMEL Corporation

Part # TSS461F
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461F Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button TSS461F Datasheet HTML 25Page - ATMEL Corporation TSS461F Datasheet HTML 26Page - ATMEL Corporation TSS461F Datasheet HTML 27Page - ATMEL Corporation TSS461F Datasheet HTML 28Page - ATMEL Corporation TSS461F Datasheet HTML 29Page - ATMEL Corporation TSS461F Datasheet HTML 30Page - ATMEL Corporation TSS461F Datasheet HTML 31Page - ATMEL Corporation TSS461F Datasheet HTML 32Page - ATMEL Corporation TSS461F Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
29
7615A–AUTO–02/06
TSS461F
Table 8. Diagnosis System Status Bits
•
Sc: As soon as one of the three inputs (RXD2, RXD1, RXD0) differs from the others in the
input comparison analysis perform by the diagnosis system, S2 is set.
The only way to reset this status bit is through the RI signal or a general reset.
TXG: Transmitting
If this status bit is active, it indicates that the TSS461F has chosen an identifier to transmit, and
it will continue to make transmission attempts for this message until it succeeds or the retry
count is exceeded.
RXG: Receiving
The receiving indicates that there is activity on the bus.
Note:
For safe modification of active channel registers both bits should be inactive (except "abort"
command).
Transmission Status Register (0x05)
•
Read only register.
•
Default value after reset: 0x00.
•
The transmission Status register contains the number of retries made up-to-date, according
to Table 3, and the channel currently in transmission.
NRT [3:0]: Number of
Retries Done in
Transmission
IDT [3:0]: Channel
Number Currently in
Transmission
Last Message Status Register (0x06)
•
Read only register.
•
Default value after reset: 0x00.
•
This register is the same as the transmission status register. It contains the last identifier
number that was successfully transmitted, received or exceeded its retry count.
If it was a successful transmission, the number of retries performed can be seen in this
register as well.
Sb
Sa
Communication Indication
0
0
Nominal mode, differential communication
0
1
Degraded over DATA, fault on DATA
1
0
Degraded over DATA, fault on DATA
1
1
Major error, fault on DATA and DATA
76
543
210
NRT3
NRT2
NRT1
NRT0
IDT3
IDT2
IDT1
IDT0
76
543
210
NRTR3
NRTR2
NRTR1
NRTR0
IDTR3
IDTR2
IDTR1
IDTR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com