Electronic Components Datasheet Search
  English  ▼

X  

TSS461F Datasheet(PDF) 32 Page - ATMEL Corporation

Part # TSS461F
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461F Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button TSS461F Datasheet HTML 28Page - ATMEL Corporation TSS461F Datasheet HTML 29Page - ATMEL Corporation TSS461F Datasheet HTML 30Page - ATMEL Corporation TSS461F Datasheet HTML 31Page - ATMEL Corporation TSS461F Datasheet HTML 32Page - ATMEL Corporation TSS461F Datasheet HTML 33Page - ATMEL Corporation TSS461F Datasheet HTML 34Page - ATMEL Corporation TSS461F Datasheet HTML 35Page - ATMEL Corporation TSS461F Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
32
7615A–AUTO–02/06
TSS461F
FV: Frame Violation
FV indicates a physical violation or collision on ACK field of the frame when the TSS463 is
consumed.
One: FV active
Zero: FV inactive
Figure 19. FV Status Bit
Interrupt Status Register (0x09)
•
Read only register.
•
Default value after reset: 0
×80
RST: Reset interrupt
RE indicates that the circuit has detected a valid reset command via the RESET pin or the reset
command bit GRES. This interrupt cannot be disabled, since its enable bit is set when a reset is
detected.
TE: Transmit Error
Status Flag (or
Exceeded Retry)
This flag is set only when the Max number of transmission (1+MR [3:0]) is reached with error of
transmission.
Figure 20. Exceeded retry with MR[3.0] = 3
FV = 0
FV = 1
FV = 1
FV = 1
FV = 0
FV = 1
FV = 1
FV = 1
EOD field
ACK field
EOD field
ACK field
expected
received
received
received
expected
received
received
received
DLC: Consumer
76
543
210
RST
0
0
TE
TOK
RE
ROK
RNOK
1st TX
2nd TX
3rd TX
set TE
set CHER
set CHTx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com