Electronic Components Datasheet Search
  English  ▼

X  

TSS461F Datasheet(PDF) 30 Page - ATMEL Corporation

Part # TSS461F
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461F Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button TSS461F Datasheet HTML 26Page - ATMEL Corporation TSS461F Datasheet HTML 27Page - ATMEL Corporation TSS461F Datasheet HTML 28Page - ATMEL Corporation TSS461F Datasheet HTML 29Page - ATMEL Corporation TSS461F Datasheet HTML 30Page - ATMEL Corporation TSS461F Datasheet HTML 31Page - ATMEL Corporation TSS461F Datasheet HTML 32Page - ATMEL Corporation TSS461F Datasheet HTML 33Page - ATMEL Corporation TSS461F Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
30
7615A–AUTO–02/06
TSS461F
NRTR [3:0]:
Number of retries done successfully in transmission. In case of reception NRTR[3:0] is
undefined.
IDTR [3:0]:
Channel number that was successfully transmitted, received or exceeded its retry count.
Last Error Status Register (0x07)
•
Read only register.
•
Default value after reset: 0
×00.
•
The Last Error Status Register contains the error code for the last transmission or reception
attempt. It is updated after each attempt, i.e. several error codes can be reported during one
single transmission (with several retries).
BOC: Buffer Occupied
•
When one channel configured in “Reply request” mode has its “received” bit set when it
attempts to transmit its request.
•
BOC with the link capability between two channels sharing the same received buffer is set
when one channel has already set its “received” bit in its “Message length and status
Channel register” and a receive is attempted on the other one.
BOV: Buffer Overflow
BOV indicates that the buffer length setup in the Channel Status Register was shorter than the
number of bytes received plus 1, therefore, some data got lost.
One: BOV active
Zero: BOV inactive
FCSE: Framing Check
Sequence Error
FCSE indicates a mismatch between the FCS received and the FCS calculated
One: FCSE active
Zero: FCSE inactive
ACKE: Acknowledge
Error
ACKE indicates a physical violation or collision on ACK field of the frame when the TSS463 is
produced.
One: ACKE active
Zero: ACKE inactive
76
543
210
x
BOC
BOV
x
FCSE
ACKE
CV
FV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com