Electronic Components Datasheet Search
  English  ▼

X  

TSS461F Datasheet(PDF) 46 Page - ATMEL Corporation

Part # TSS461F
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461F Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button TSS461F Datasheet HTML 42Page - ATMEL Corporation TSS461F Datasheet HTML 43Page - ATMEL Corporation TSS461F Datasheet HTML 44Page - ATMEL Corporation TSS461F Datasheet HTML 45Page - ATMEL Corporation TSS461F Datasheet HTML 46Page - ATMEL Corporation TSS461F Datasheet HTML 47Page - ATMEL Corporation TSS461F Datasheet HTML 48Page - ATMEL Corporation TSS461F Datasheet HTML 49Page - ATMEL Corporation TSS461F Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
46
7615A–AUTO–02/06
TSS461F
•
Failure cases:- Code viol (CV error bit)
–
Acknowledge error (ACKE error bit)
–
CRC error (FCSE error bit)
•
It should be noticed that contention is considered as normal CSMA/CD protocol and,
therefore, is not taken into account in failure cases. So, an 'infinite' number of attempts can
be performed if bus contention occurs continuously.
There is only one retries counter for all channels. When the user writes the Max_Retries value,
all channels start their transmission with this parameter.
Rearbitrate
The purpose of rearbitrate feature is to postpone a channel already in transmission in order to
authorize an higher priority (see section “Priority Among the Different Channels”) message to be
transmit.
Typical Example
•
Max_retries = 1 (2 transmissions attempts).
•
If Ch 8 is in a the retry loop and the user wants to transmit the Ch 5 without waiting the end
of the loop, the user can use the rearbitrate command.
•
Then, the TSS461F will wait the end of the current transmission, reload the retries counter
and enable the Ch 5 to transmit.
•
At the end of this transmission Ch5, either when the attempt is successful or either when the
exceeded retry count is reached, the retries counter is reloaded and the transmission is
activated for the Ch 8 again.
Figure 26. Rearbitrate Example
EOF+IFS
Delay
stand-by
Delay
Delay
Viol
Viol
Viol
EOF+IFS: 8 + 4 Timeslots
Delay Viol: 12 Timeslots
* (not seen by application means no IT
generation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com