Electronic Components Datasheet Search
  English  ▼

X  

TSS461F Datasheet(PDF) 53 Page - ATMEL Corporation

Part # TSS461F
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461F Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button TSS461F Datasheet HTML 49Page - ATMEL Corporation TSS461F Datasheet HTML 50Page - ATMEL Corporation TSS461F Datasheet HTML 51Page - ATMEL Corporation TSS461F Datasheet HTML 52Page - ATMEL Corporation TSS461F Datasheet HTML 53Page - ATMEL Corporation TSS461F Datasheet HTML 54Page - ATMEL Corporation TSS461F Datasheet HTML 55Page - ATMEL Corporation TSS461F Datasheet HTML 56Page - ATMEL Corporation TSS461F Datasheet HTML 57Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 53 / 57 page
background image
53
7615A–AUTO–02/06
TSS461F
AC Characteristics
Microprocessor
Interface
TA = -40°C to 125°C; V
CC = 5V + 10%; VSS = 0V
Symbol
Characteristic
Min
Max
Unit
T
RESET
RESET High Pulse Width (For Power-up Reset)
15
ns
1T
LHLL
ALE High Pulse Width
10
ns
2T
AVLL
Address Valid to ALE Low Setup Time
10
ns
3T
LLAX
ALE Low to Address Invalid Hold Time
10
ns
4T
AVWL
Address Valid to Command Active Time
20
ns
5T
DVWH
Data Valid to Write Inactive Setup Time
10
ns
6
T
WHDX
Write Inactive to Data Invalid Hold Time
12
ns
7T
WHLH
Write Inactive to ALE High Recovery Time
20
ns
8T
RLDV
Read Active to Data Valid Access Time
110
ns
9T
RHDZ
Read Inactive to Data Float Time
20
ns
10
T
WHRLIZ
Write Inactive or Read Active to IRQ Float Time
90
ns
11
T
IZIL
IRQ Float Pulse Width
2
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com