Electronic Components Datasheet Search
  English  ▼

X  

TSS461F Datasheet(PDF) 45 Page - ATMEL Corporation

Part # TSS461F
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461F Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button TSS461F Datasheet HTML 41Page - ATMEL Corporation TSS461F Datasheet HTML 42Page - ATMEL Corporation TSS461F Datasheet HTML 43Page - ATMEL Corporation TSS461F Datasheet HTML 44Page - ATMEL Corporation TSS461F Datasheet HTML 45Page - ATMEL Corporation TSS461F Datasheet HTML 46Page - ATMEL Corporation TSS461F Datasheet HTML 47Page - ATMEL Corporation TSS461F Datasheet HTML 48Page - ATMEL Corporation TSS461F Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
45
7615A–AUTO–02/06
TSS461F
Retries,
Rearbitrate and
Abort
Retries and rearbitrate commands are located, in the Transmit Control Register and in the Com-
mand Register, respectively. An abort command is located in each channel register set, in the
Message Length & Status Register (base_address + 0x03). These three commands are avail-
able only when the TSS461F is producer.
Figure 25. Transmit Function
Retries
The purpose of retries feature is to provide, the capability of retrying a transmit request in case
of failure, when a node tries to reach another node, either on normal DATA frame or on REPLY
REQUEST frame.
The maximum of retries is programmable through MR[3:0] of the Transmit Control Register
(0x01). When a channel is enable – bit CHTx= 0 of Message Length & Status Register, a 4-bit
counter is loaded with MR[3:0]. At each attempt, this counter will be countdown. To 0, an IT TE
is set in the Interrupt Status Register (0x09), and the transmission is stopped.
MR[3:0] = 1 indicates 1 retry, hence 2 transmission attempts will be performed (see Table 4).
The number of retries performed, as well as the current channel number associated, can be
read in the Transmission Status Register (0x05).
The Last Error Status Register (0x07) informs about the trouble encountered:
Activate
Ch. Enabled in
Xmit Mode?
no
Select the lowest
Ch. number and
load”Max - retries”
yes
Abort activated
on current Ch.?
yes
Disable of
current Ch.
no
Wait for bus free
(EOF+IFS= 12 Timeslots)
Retry needed?
abort
no
no
Abort required
rearbitrate?
on current Ch.
rearbitrate
yes
Transmit frame
and wait for the end
Decrement
retry counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com