Electronic Components Datasheet Search
  English  ▼

X  

AD9948 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9948
Description  10-Bit CCD Signal Processor with Precision Timing??Core
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9948 Datasheet(HTML) 4 Page - Analog Devices

  AD9948 Datasheet HTML 1Page - Analog Devices AD9948 Datasheet HTML 2Page - Analog Devices AD9948 Datasheet HTML 3Page - Analog Devices AD9948 Datasheet HTML 4Page - Analog Devices AD9948 Datasheet HTML 5Page - Analog Devices AD9948 Datasheet HTML 6Page - Analog Devices AD9948 Datasheet HTML 7Page - Analog Devices AD9948 Datasheet HTML 8Page - Analog Devices AD9948 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
REV. 0
–4–
AD9948
TIMING SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Unit
MASTER CLOCK (CLI) (See Figure 4)
CLI Clock Period
tCLI
40
ns
CLI High/Low Pulsewidth
tADC
16
20
24
ns
Delay from CLI to Internal Pixel
Period Position
tCLIDLY
6ns
CLPOB Pulsewidth (Programmable)
*
tCOB
220
Pixels
SAMPLE CLOCKS (See Figure 6)
SHP Rising Edge to SHD Rising Edge
tS1
17
20
ns
DATA OUTPUTS (See Figures 7a and 7b)
Output Delay From Programmed Edge
tOD
6ns
Pipeline Delay
11
Cycles
SERIAL INTERFACE
Maximum SCK Frequency
fSCLK
10
MHz
SL to SCK Setup Time
tLS
10
ns
SCK to SL Hold Time
tLH
10
ns
SDATA Valid to SCK Rising Edge Setup
tDS
10
ns
SCK Falling Edge to SDATA Valid Hold
tDH
10
ns
SCK Falling Edge to SDATA Valid Read
tDV
10
ns
*Minimum CLPOB pulsewidth is for functional operation only. Wider typical pulses are recommended to achieve low noise clamp reference.
Specifications subject to change without notice.
(CL = 20 pF, fCLI = 25 MHz, Serial Timing in Figure 3, unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS
*
With
Parameter
Respect To
Min
Max
Unit
AVDD, TCVDD
AVSS
–0.3
+3.9
V
HVDD, RGVDD
HVSS, RGVSS
–0.3
+3.9
V
DVDD, DRVDD
DVSS, DRVSS
–0.3
+3.9
V
Any VSS
Any VSS
–0.3
+0.3
V
Digital Outputs
DRVSS
–0.3
DRVDD + 0.3
V
CLPOB/PBLK, HBLK
DVSS
–0.3
DVDD + 0.3
V
SCK, SL, SDATA
DVSS
–0.3
DVDD + 0.3
V
RG
RGVSS
–0.3
RGVDD + 0.3
V
H1–H4
HVSS
–0.3
HVDD + 0.3
V
REFT, REFB, CCDIN
AVSS
–0.3
AVDD + 0.3
V
Junction Temperature
150
°C
Lead Temperature (10 sec)
300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD9948 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD9948KCP
–20
°C to +85°C
LFCSP
CP-40
AD9948KCPRL
–20
°C to +85°C
LFCSP
CP-40
AD9948KCPZ
*
–20
°C to +85°C
LFCSP
CP-40
AD9948KCPZRL
* –20
°C to +85°C
LFCSP
CP-40
*This is a lead free product.
THERMAL CHARACTERISTICS
Thermal Resistance
40-Lead LFCSP Package
JA = 27
°C/W*
* JA is measured using a 4-layer PCB with the exposed paddle
soldered to the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com