Electronic Components Datasheet Search
  English  ▼

X  

AD9948 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9948
Description  10-Bit CCD Signal Processor with Precision Timing??Core
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9948 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9948 Datasheet HTML 10Page - Analog Devices AD9948 Datasheet HTML 11Page - Analog Devices AD9948 Datasheet HTML 12Page - Analog Devices AD9948 Datasheet HTML 13Page - Analog Devices AD9948 Datasheet HTML 14Page - Analog Devices AD9948 Datasheet HTML 15Page - Analog Devices AD9948 Datasheet HTML 16Page - Analog Devices AD9948 Datasheet HTML 17Page - Analog Devices AD9948 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
REV. 0
–14–
AD9948
PRECISION TIMING HIGH SPEED TIMING GENERATION
The AD9948 generates flexible high speed timing signals using
the Precision Timing core. This core is the foundation for gener-
ating the timing used for both the CCD and the AFE; the reset
gate RG, horizontal drivers H1–H4, and the SHP/SHD sample
clocks. A unique architecture makes it routine for the system
designer to optimize image quality by providing precise control
over the horizontal CCD readout and the AFE correlated
double sampling.
Timing Resolution
The Precision Timing core uses a 1
× master clock input (CLI)
as a reference. This clock should be the same as the CCD pixel
clock frequency. Figure 4 illustrates how the internal timing core
divides the master clock period into 48 steps or edge positions.
Therefore, the edge resolution of the Precision Timing core is
(tCLI/48). For more information on using the CLI input, refer to
the Applications Information section.
High Speed Clock Programmability
Figure 5 shows how the high speed clocks, RG, H1–H4, SHP,
and SHD, are generated. The RG pulse has programmable rising
and falling edges, and may be inverted using the polarity control.
The horizontal clocks H1 and H3 have programmable rising and
falling edges, and polarity control. The H2 and H4 clocks are
always inverses of H1 and H3, respectively. Table X summarizes
the high speed timing registers and their parameters.
Each edge location setting is 6 bits wide, but only 48 valid edge
locations are available. Therefore, the register values are mapped
into four quadrants, with each quadrant containing 12 edge
locations. Table XI shows the correct register values for the
corresponding edge locations.
NOTES
1. PIXEL CLOCK PERIOD IS DIVIDED INTO 48 POSITIONS, PROVIDING FINE EDGE RESOLUTION FOR HIGH SPEED CLOCKS.
2. THERE IS A FIXED DELAY FROM THE CLI INPUT TO THE INTERNAL PIXEL PERIOD POSITIONS (
tCLIDLY = 6 ns TYP).
P[0]
P[48] = P[0]
P[12]
P[24]
P[36]
1 PIXEL
PERIOD
...
...
CLI
tCLIDLY
POSITION
Figure 4. High Speed Clock Resolution From CLI Master Clock Input
H1/H3
H2/H4
CCD SIGNAL
RG
(1)
(2)
(3)
(4)
(5)
(6)
PROGRAMMABLE CLOCK POSITIONS:
1. RG RISING EDGE
2. RG FALLING EDGE
3. SHP SAMPLE LOCATION
4. SHD SAMPLE LOCATION
5. H1/H3 RISING EDGE POSITION
6. H1/H3 FALLING EDGE POSITION (H2/H4 ARE INVERSE OF H1/H3)
Figure 5. High Speed Clock Programmable Locations
Table X. H1CONTROL, RGCONTROL, DRVCONTROL, and SAMPCONTROL Register Parameters
Parameter
Length
Range
Description
Polarity
1b
High/Low
Polarity Control for H1/H3 and RG (0 = No Inversion, 1 = Inversion).
Positive Edge
6b
0–47 Edge Location
Positive Edge Location for H1/H3 and RG.
Negative Edge
6b
0–47 Edge Location
Negative Edge Location for H1/H3 and RG.
Sample Location
6b
0–47 Sample Location
Sampling Location for SHP and SHD.
Drive Control
3b
0–7 Current Steps
Drive Current for H1–H4 and RG Outputs, 0–7 Steps of 4.1 mA Each.
DOUT Phase
6b
0–47 Edge Location
Phase Location of Data Outputs with Respect to Pixel Period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com