Electronic Components Datasheet Search
  English  ▼

X  

AD9948 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9948
Description  10-Bit CCD Signal Processor with Precision Timing??Core
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9948 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9948 Datasheet HTML 12Page - Analog Devices AD9948 Datasheet HTML 13Page - Analog Devices AD9948 Datasheet HTML 14Page - Analog Devices AD9948 Datasheet HTML 15Page - Analog Devices AD9948 Datasheet HTML 16Page - Analog Devices AD9948 Datasheet HTML 17Page - Analog Devices AD9948 Datasheet HTML 18Page - Analog Devices AD9948 Datasheet HTML 19Page - Analog Devices AD9948 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
REV. 0
–16–
AD9948
HORIZONTAL CLAMPING AND BLANKING
The AD9948’s horizontal clamping and blanking pulses are
fully programmable to suit a variety of applications. Individual
sequences are defined for each signal, which are then organized
into multiple regions during image readout. This allows the dark
pixel clamping and blanking patterns to be changed at each
stage of the readout to accommodate different image transfer
timing and high speed line shifts.
Individual CLPOB and PBLK Sequences
The AFE horizontal timing consists of CLPOB and PBLK, as
shown in Figure 8. These two signals are independently pro-
grammed using the parameters shown in Table XII. The start
polarity, first toggle position, and second toggle position are
fully programmable for each signal. The CLPOB and PBLK
signals are active low, and should be programmed accordingly.
Up to four individual sequences can be created for each signal.
Individual HBLK Sequences
The HBLK programmable timing shown in Figure 9 is similar
to CLPOB and PBLK. However, there is no start polarity con-
trol. Only the toggle positions are used to designate the start and
the stop positions of the blanking period. Additionally, there is a
polarity control, HBLKMASK, which designates the polarity of
the horizontal clock signals H1–H4 during the blanking period.
Setting HBLKMASK high will set H1 = H3 = low and H2 =
H4 = high during the blanking, as shown in Figure 10. Up to
four individual sequences are available for HBLK.
(3)
(2)
(1)
HD
CLPOB
PBLK
. . .
PROGRAMMABLE SETTINGS:
1. START POLARITY (CLAMP AND BLANK REGION ARE ACTIVE LOW)
2. FIRST TOGGLE POSITION
3. SECOND TOGGLE POSITION
ACTIVE
ACTIVE
Figure 8. Clamp and Preblank Pulse Placement
(2)
(1)
HD
HBLK
. . .
PROGRAMMABLE SETTINGS:
1. FIRST TOGGLE POSITION = START OF BLANKING
2. SECOND TOGGLE POSITION = END OF BLANKING
BLANK
BLANK
Figure 9. Horizontal Blanking (HBLK) Pulse Placement
Table XII. CLPOB and PBLK Individual Sequence Parameters
Parameter
Length
Range
Description
Polarity
1b
High/Low
Starting Polarity of Clamp and PBLK Pulses for Sequences 0–3.
Toggle Position 1
12b
0–4095 Pixel Location
First Toggle Position within the Line for Sequences 0–3.
Toggle Position 2
12b
0–4095 Pixel Location
Second Toggle Position within the Line for Sequences 0–3.
Table XIII. HBLK Individual Sequence Parameters
Parameter
Length
Range
Description
HBLKMASK
1b
High/Low
Masking Polarity for H1 for Sequences 0–3 (0 = H1 Low, 1 = H1 High).
Toggle Position 1
12b
0–4095 Pixel Location
First Toggle Position within the Line for Sequences 0–3.
Toggle Position 2
12b
0–4095 Pixel Location
Second Toggle Position within the Line for Sequences 0–3.
Toggle Position 3
12b
0–4095 Pixel Location
Third Toggle Position within the Line for Sequences 0–3.
Toggle Position 4
12b
0–4095 Pixel Location
Fourth Toggle Position within the Line for Sequences 0–3.
Toggle Position 5
12b
0–4095 Pixel Location
Fifth Toggle Position within the Line for Sequences 0–3.
Toggle Position 6
12b
0–4095 Pixel Location
Sixth Toggle Position within the Line for Sequences 0–3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com