Electronic Components Datasheet Search
  English  ▼

X  

AD9948 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9948
Description  10-Bit CCD Signal Processor with Precision Timing??Core
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9948 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9948 Datasheet HTML 5Page - Analog Devices AD9948 Datasheet HTML 6Page - Analog Devices AD9948 Datasheet HTML 7Page - Analog Devices AD9948 Datasheet HTML 8Page - Analog Devices AD9948 Datasheet HTML 9Page - Analog Devices AD9948 Datasheet HTML 10Page - Analog Devices AD9948 Datasheet HTML 11Page - Analog Devices AD9948 Datasheet HTML 12Page - Analog Devices AD9948 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
REV. 0
AD9948
–9–
SERIAL INTERFACE TIMING
All of the internal registers of the AD9948 are accessed through
a 3-wire serial interface. Each register consists of an 8-bit address
and a 24-bit data-word. Both the 8-bit address and 24-bit data-
word are written starting with the LSB. To write to each register,
a 32-bit operation is required, as shown in Figure 3a. Although
many registers are less than 24 bits wide, all 24 bits must be
written for each register. If the register is only 16 bits wide, then
the upper eight bits are don’t cares and may be filled with zeros
during the serial write operation. If fewer than 24 bits are written,
the register will not be updated with new data.
Figure 3b shows a more efficient way to write to the registers by
using the AD9948’s address auto-increment capability. Using
this method, the lowest desired address is written first, followed
by multiple 24-bit data-words. Each new 24-bit data-word will
be written automatically to the next highest register address. By
eliminating the need to write each 8-bit address, faster register
loading is achieved. Address auto-increment may be used start-
ing with any register location, and may be used to write to as
few as two registers or as many as the entire register space.
COMPLETE REGISTER LISTING
All addresses and default values are expressed in hexadecimal.
All registers are VD/HD updated as shown in Figure 3a, except
for the registers indicated in Table I, which are SL updated.
Table I. SL-Updated Registers
Register
Description
OPRMODE
AFE Operation Modes
CTLMODE
AFE Control Modes
SW_RESET
Software Reset Bit
TGCORE _RSTB
Reset Bar Signal for Internal TG Core
PREVENTUPDATE
Prevents Update of Registers
VDHDEDGE
VD/HD Active Edge
FIELDVAL
Resets Internal Field Pulse
HBLKRETIME
Retimes the HBLK to Internal Clock
CLPBLKOUT
CLP/BLK Output Pin Select
CLPBLKEN
Enables CLP/BLK Output Pin
H1CONTROL
H1/H2 Polarity Control
RGCONTROL
H1 Positive Edge Location
DRVCONTROL
H1 Negative Edge Location
SAMPCONTROL
H1 Drive Current
DOUTPHASE
H2 Drive Current
SDATA
A0
A1
A2
A4
A5
A6
A7
D0
D1
D2
D3
D21
D22
D23
SCK
SL
A3
NOTES
1. INDIVIDUAL SDATA BITS ARE LATCHED ON SCK RISING EDGES.
2. ALL 32 BITS MUST BE WRITTEN: 8 BITS FOR ADDRESS AND 24 BITS FOR DATA.
3. IF THE REGISTER LENGTH IS <24 BITS, THEN DON’T CARE BITS MUST BE USED TO COMPLETE THE 24-BIT DATA LENGTH.
4. NEW DATA IS UPDATED AT EITHER THE SL RISING EDGE OR AT THE HD FALLING EDGE AFTER THE NEXT VD FALLING EDGE.
5. VD/HD UPDATE POSITION MAY BE DELAYED TO ANY HD FALLING EDGE IN THE FIELD USING THE UPDATE REGISTER.
tDH
tLS
tLH
tDS
VD
SL UPDATED
VD/HD UPDATED
HD
...
...
...
...
...
8-BIT ADDRESS
24-BIT DATA
1
32
234
567
8
9
10
11
12
30
31
Figure 3a. Serial Write Operation
SDATA
A0
A1
A2
A4
A5
A6
A7
D0
D1
D22
D23
SCK
SL
A3
NOTES
1. MULTIPLE SEQUENTIAL REGISTERS MAY BE LOADED CONTINUOUSLY.
2. THE FIRST (LOWEST ADDRESS) REGISTER ADDRESS IS WRITTEN, FOLLOWED BY MULTIPLE 24-BIT DATA-WORDS.
3. THE ADDRESS WILL AUTOMATICALLY INCREMENT WITH EACH 24-BIT DATA-WORD (ALL 24 BITS MUST BE WRITTEN).
4. SL IS HELD LOW UNTIL THE LAST DESIRED REGISTER HAS BEEN LOADED.
5. NEW DATA IS UPDATED AT EITHER THE SL RISING EDGE OR AT THE HD FALLING EDGE AFTER THE NEXT VD FALLING EDGE.
D0
D1
D22
D23
D0
...
...
...
DATA FOR STARTING
REGISTER ADDRESS
DATA FOR NEXT
REGISTER ADDRESS
D2
D1
...
...
...
...
...
...
1
32
234
567
8
9
10
31
34
33
56
55
58
57
59
Figure 3b. Continuous Serial Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com