Electronic Components Datasheet Search
  English  ▼

X  

AD9948 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9948
Description  10-Bit CCD Signal Processor with Precision Timing??Core
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9948 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9948 Datasheet HTML 20Page - Analog Devices AD9948 Datasheet HTML 21Page - Analog Devices AD9948 Datasheet HTML 22Page - Analog Devices AD9948 Datasheet HTML 23Page - Analog Devices AD9948 Datasheet HTML 24Page - Analog Devices AD9948 Datasheet HTML 25Page - Analog Devices AD9948 Datasheet HTML 26Page - Analog Devices AD9948 Datasheet HTML 27Page - Analog Devices AD9948 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
REV. 0
AD9948
–25–
Driving the CLI Input
The AD9948’s master clock input (CLI) may be used in two
different configurations, depending on the application. Figure 23a
shows a typical dc-coupled input from the master clock source.
When the dc-coupled technique is used, the master clock signal
should be at standard 3 V CMOS logic levels. As shown in
Figure 23b, a 1000 pF ac coupling capacitor may be used
between the clock source and the CLI input. In this configura-
tion, the CLI input will self-bias to the proper dc voltage level
of approximately 1.4 V. When the ac-coupled technique is
used, the master clock signal can be as low as
±500 mV in
amplitude.
18
CCD IMAGER
SIGNAL
OUT
19
14
15
21
27
H2
RG
H3
H4
H1
H2
H1
RG
AD9948
CCDIN
Figure 22a. CCD Connections (2 H-Clock)
CCD IMAGER
SIGNAL
OUT
14
15
21
27
RG
H3
H4
H2
H1
RG
AD9948
CCDIN
H2
H1
18
19
H1
H2
Figure 22b. CCD Connections (4 H-Clock)
CLI
25
MASTER CLOCK
AD9948
ASIC
Figure 23a. CLI Connection, DC-Coupled
CLI
25
MASTER CLOCK
AD9948
ASIC
LPF
1nF
Figure 23b. CLI Connection, AC-Coupled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com