Electronic Components Datasheet Search
  English  ▼

X  

AD9948 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9948
Description  10-Bit CCD Signal Processor with Precision Timing??Core
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9948 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9948 Datasheet HTML 13Page - Analog Devices AD9948 Datasheet HTML 14Page - Analog Devices AD9948 Datasheet HTML 15Page - Analog Devices AD9948 Datasheet HTML 16Page - Analog Devices AD9948 Datasheet HTML 17Page - Analog Devices AD9948 Datasheet HTML 18Page - Analog Devices AD9948 Datasheet HTML 19Page - Analog Devices AD9948 Datasheet HTML 20Page - Analog Devices AD9948 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
REV. 0
AD9948
–17–
HD
HBLK
. . .
THE POLARITY OF H1 DURING BLANKING IS PROGRAMMABLE (H2 IS OPPOSITE POLARITY OF H1).
H1/H3
H1/H3
H2/H4
. . .
. . .
Figure 10. HBLK Masking Control
HBLK
SPECIAL H-BLANK PATTERN IS CREATED USING MULTIPLE HBLK TOGGLE POSITIONS.
H1/H3
H2/H4
TOG1
TOG2
TOG3
TOG4
TOG5
TOG6
Figure 11. Generating Special HBLK Patterns
GENERATING SPECIAL HBLK PATTERNS
Six toggle positions are available for HBLK. Normally, only
two of the toggle positions are used to generate the standard
HBLK interval. However, the additional toggle positions may be
used to generate special HBLK patterns, as shown in Figure 11.
The pattern in this example uses all six toggle positions to
generate two extra groups of pulses during the HBLK inter-
val. By changing the toggle positions, different patterns can
be created.
Horizontal Sequence Control
The AD9948 uses sequence change positions (SCPs) and sequence
pointers (SPTRs) to organize the individual horizontal sequences.
Up to four SCPs are available to divide the readout into four
separate regions, as shown in Figure 12. The SCP 0 is always hard-
coded to Line 0, and SCP1–SCP3 are register programmable.
During each region bounded by the SCP, the SPTR registers
designate which sequence is used by each signal. CLPOB, PBLK,
and HBLK each have a separate set of SCPs. For example,
CLPOBSCP1 will define Region 0 for CLPOB, and in that region,
any of the four individual CLPOB sequences may be selected with
the CLPOBSPTR register. The next SCP defines a new region,
and in that region each signal can be assigned to a different
individual sequence. The sequence control registers are sum-
marized in Table XIV.
External HBLK Signal
The AD9948 can also be used with an external HBLK signal. Set-
ting the HBLKDIR register (Address x040) to high will disable the
internal HBLK signal generation. The polarity of the external
signal is specified using the HBLKPOL register, and the mask-
ing polarity of H1 is specified using the HBLKMASK register.
Table XV summarizes the register values when using an external
HBLK signal.
Table XIV. Horizontal Sequence Control Parameters for CLPOB, PBLK, and HBLK
Register
Length
Range
Description
SCP
12b
0–4095 Line Number
CLOB/PBLK/HBLK SCP to Define Horizontal Regions 0–3.
SPTR
2b
0–3 Sequence Number
Sequence Pointer for Horizontal Regions 0–3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com