Electronic Components Datasheet Search
  English  ▼

X  

AD9948 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9948
Description  10-Bit CCD Signal Processor with Precision Timing??Core
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9948 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9948 Datasheet HTML 11Page - Analog Devices AD9948 Datasheet HTML 12Page - Analog Devices AD9948 Datasheet HTML 13Page - Analog Devices AD9948 Datasheet HTML 14Page - Analog Devices AD9948 Datasheet HTML 15Page - Analog Devices AD9948 Datasheet HTML 16Page - Analog Devices AD9948 Datasheet HTML 17Page - Analog Devices AD9948 Datasheet HTML 18Page - Analog Devices AD9948 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
REV. 0
AD9948
–15–
Table XI. Precision Timing Edge Locations
Quadrant
Edge Location (Decimal)
Register Value (Decimal)
Register Value (Binary)
I0 to 11
0 to 11
000000 to 001011
II
12 to 23
16 to 27
010000 to 011011
III
24 to 35
32 to 43
100000 to 101011
IV
36 to 47
48 to 59
110000 to 111011
H-Driver and RG Outputs
In addition to the programmable timing positions, the AD9948
features on-chip output drivers for the RG and H1–H4 outputs.
These drivers are powerful enough to directly drive the CCD
inputs. The H-driver and RG driver current can be adjusted
for optimum rise/fall time into a particular load by using the
DRVCONTROL register (Address x062). The DRVCONTROL
register is divided into five different 3-bit values, each one being
adjustable in 4.1 mA increments. The minimum setting of 0 is
equal to OFF or three-state, and the maximum setting of 7 is
equal to 30.1 mA.
As shown in Figure 6, the H2/H4 outputs are inverses of H1/H3.
The internal propagation delay resulting from the signal inversion
is less than l ns, which is significantly less than the typical rise
time driving the CCD load. This results in a H1/H2 crossover
voltage at approximately 50% of the output swing. The crossover
voltage is not programmable.
Digital Data Outputs
The AD9948 data output phase is programmable using the
DOUTPHASE register (Address x064). Any edge from 0 to 47
may be programmed, as shown in Figure 7a. The pipeline delay
for the digital data output is shown in Figure 7b.
FIXED CROSSOVER VOLTAGE
H1/H3
H2/H4
tPD
H2/H4
H1/H3
tRISE
tPD
tRISE
<<
Figure 6. H-Clock Inverse Phase Relationship
NOTES
1. DIGITAL OUTPUT DATA (DOUT) PHASE IS ADJUSTABLE WITH RESPECT TO THE PIXEL PERIOD.
2. WITHIN ONE CLOCK PERIOD, THE DATA TRANSITION CAN BE PROGRAMMED TO ANY OF THE 48 LOCATIONS.
P[0]
P[48] = P[0]
CLI
1 PIXEL PERIOD
P[12]
P[24]
P[36]
DOUT
tOD
Figure 7a. Digital Output Phase Adjustment
NOTES
DEFAULT TIMING VALUES ARE SHOWN: SHDLOC = 0, DOUT PHASE = 0.
HIGHER VALUES OF SHD AND/OR DOUTPHASE WILL SHIFT DOUT TRANSITION TO THE RIGHT, WITH RESPECT TO CLI LOCATION.
DOUT
CCDIN
CLI
SHD
(INTERNAL)
N
N+1
N+2
N+12
N+11
N+10
N+9
N+8
N+7
N+6
N+5
N+4
N+3
N+13
N–13
N–3
N–4
N–5
N–6
N–7
N–8
N–9
N–10
N–11
N–12
N–2
N–1
N+1
N
SAMPLE PIXEL N
PIPELINE LATENCY = 11 CYCLES
tCLIDLY
N–1
Figure 7b. Pipeline Delay for Digital Data Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com