Electronic Components Datasheet Search
  English  ▼

X  

ADPL20502 Datasheet(PDF) 3 Page - Analog Devices

Part # ADPL20502
Description  600mV to 5.5V Input, 2A Boost Converter with True Shutdown
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL20502 Datasheet(HTML) 3 Page - Analog Devices

  ADPL20502 Datasheet HTML 1Page - Analog Devices ADPL20502 Datasheet HTML 2Page - Analog Devices ADPL20502 Datasheet HTML 3Page - Analog Devices ADPL20502 Datasheet HTML 4Page - Analog Devices ADPL20502 Datasheet HTML 5Page - Analog Devices ADPL20502 Datasheet HTML 6Page - Analog Devices ADPL20502 Datasheet HTML 7Page - Analog Devices ADPL20502 Datasheet HTML 8Page - Analog Devices ADPL20502 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Data Sheet
ADPL20502
analog.com
Rev 0
3 of 27
SPECIFICATIONS
Table 1. Electrical Characteristics
(VIN = 1.5V, RSEL = 191kΩ, VOUT = 3.3V, TJ = -40°C to +125°C, typical values are at TJ = +25°C, CIN = 22μF, COUT = 22μF,
unless otherwise noted.) (1)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
VIN_MIN
Runs from output after startup, IOUT =
1mA
600
mV
Input Voltage Range
VIN
Guaranteed by LX Maximum On-
Time, VOUT > VIN + 150mV while in
regulation
0.95
5.5
V
Minimum Startup Input
Voltage
VIN_START
RL ≥ 3kΩ, Typical Application Circuit,
TJ = +25°C
0.9
0.95
V
Output Voltage Range
VOUT_RANGE
See . For VIN < VOUT target. (2)
2.3
5.5
V
Output Accuracy, LPM
VACC_LPM
VOUT Falling (3)
-1.2
+1.2
%
Output Accuracy, ULPM
VACC_ULPM
VOUT Rising, when LX stops switching
(4)
+1.5
+2.7
+4.6
%
DC Load Regulation
ACCLOAD
Load from 20mA to IOUT at 80% of
Peak Inductor Current
-1.2
%
DC Line Regulation
ACCLINE
Duty Cycle varied from 25% to
Maximum
-1.2
%
Input Shutdown Current
ISD_IN
VEN = 0V, VOUT = 0V, TJ = +25°C
1
120
nA
Quiescent Supply
Current Into IN
IQ_IN
VEN = VIN, not switching, VOUT = 105%
of target voltage, TJ = +25°C, RSEL =
Open
15
nA
Quiescent Supply
Current Into OUT
IQ_OUT
VEN = VIN, not switching, VOUT = 105%
of target voltage, TJ = +25°C, RSEL =
Open
500
800
nA
Maximum LX On-Time
tONMAX
TJ = -40°C to +125°C
1.0
1.75
2.2
μs
LX On-Time in CCM
tON_1.2V
VIN = 1.2V
TJ= +25°C
580
620
660
ns
TJ = -40°C to
+125°C
500
620
740
tON_3.0V
VIN = 3.0V
TJ = +25°C
240
300
360
LX Maximum Duty Cycle
DC
RSEL = 10kΩ, VIN = 1.2V, TJ = +25°C (5)
80
86
%
RSEL = 10kΩ, VIN = 1.2V (5)
74
86
RSEL = 191kΩ, VIN = 3.0V (5)
65
75
LX Leakage Current
ILEAK_LX
VLX = VIN = 5.5V,
VOUT = VEN = 0V
TJ = +25°C
1
100
nA
IN Current Limit
IIN_PT
VIN = VEN = 3.3V, VOUT = 2.3V
1.1
A
IPEAK_LX
VOUT = 3.3V, (6)
TJ = +25°C
1.9
2.0
2.1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com