Electronic Components Datasheet Search
  English  ▼

X  

ADPL20502 Datasheet(PDF) 7 Page - Analog Devices

Part # ADPL20502
Description  600mV to 5.5V Input, 2A Boost Converter with True Shutdown
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL20502 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADPL20502 Datasheet HTML 3Page - Analog Devices ADPL20502 Datasheet HTML 4Page - Analog Devices ADPL20502 Datasheet HTML 5Page - Analog Devices ADPL20502 Datasheet HTML 6Page - Analog Devices ADPL20502 Datasheet HTML 7Page - Analog Devices ADPL20502 Datasheet HTML 8Page - Analog Devices ADPL20502 Datasheet HTML 9Page - Analog Devices ADPL20502 Datasheet HTML 10Page - Analog Devices ADPL20502 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Data Sheet
ADPL20502
analog.com
Rev 0
7 of 27
Pin Descriptions
Table 3. Pin Descriptions
PIN
NAME
DESCRIPTION
WLP
TDFN
A1
1, 2
OUT
Output Pins. Connect a 22μF X7R ceramic capacitor to ground.
A2
3
LX
Switching Node. Connect a 1.0μH inductor from LX to IN.
A3
4
GND
Power Ground Pin. Connect to GND. In the TDFN package, applications
connect to the exposed pad (EP) externally in the PCB layout at a single
point.
—
5
AGND
Analog Ground Pin. Connect to the EP externally in the PCB layout at a
single point.
B3
6
RSEL
Output Voltage Select Pin. Connect a resistor from RSEL to GND based on
the desired output voltage. See Table 4. RSEL floats in shutdown. Care
must be taken that the total capacitance on this pin should be less than
2pF. See PCB Layout Guidelines for more information.
B2
7
IN
Input Pin. Connect a 22μF X7R ceramic capacitor to ground. Depending
on the specific application requirements, more capacitance may be
needed.
B1
8
EN
Enable Input Pin. Force this pin to larger than 0.6V to enable the boost
converter. Force this pin below 0.55V to disable the part and enter the
True Shutdown mode.
—
EP
EP
Exposed Pad. Connect the EP to GND. Functionally connected to AGND.
Connect the GND and AGND pins to EP externally in the PCB layout with
short traces under the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com