Electronic Components Datasheet Search
  English  ▼

X  

ADPL20502 Datasheet(PDF) 23 Page - Analog Devices

Part # ADPL20502
Description  600mV to 5.5V Input, 2A Boost Converter with True Shutdown
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL20502 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADPL20502 Datasheet HTML 19Page - Analog Devices ADPL20502 Datasheet HTML 20Page - Analog Devices ADPL20502 Datasheet HTML 21Page - Analog Devices ADPL20502 Datasheet HTML 22Page - Analog Devices ADPL20502 Datasheet HTML 23Page - Analog Devices ADPL20502 Datasheet HTML 24Page - Analog Devices ADPL20502 Datasheet HTML 25Page - Analog Devices ADPL20502 Datasheet HTML 26Page - Analog Devices ADPL20502 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
Data Sheet
ADPL20502
analog.com
Rev 0
23 of 27
OUTLINE DIMENSIONS
Table 5. Thermal Resistance of 8 TDFN-EP
Thermal Resistance, Four-Layer Board 9
Junction-to-Ambient (θJA)
85.3°C/W
Junction-to-Case Thermal Resistance (θJC)
8.9°C/W
Table 6. Thermal Resistance of 6-bump WLP
Thermal Resistance, Four-Layer Board 9
Junction-to-Ambient (θJA)
95.15°C/W
Junction-to-Case Thermal Resistance (θJC)
N/A
9
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a
four-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com